Electronic Components Datasheet Search
  English  ▼

X  

SC32-271 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC32-271
Description  SMD POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC32-271 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC32-271 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC32
29
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC32-1R0
1.0
7.96MHZ
43m
2.34
2.60
SC32-1R4
1.4
7.96MHZ
50m
2.04
2.30
SC32-1R8
1.8
7.96MHZ
68m
1.79
1.90
SC32-2R2
2.2
7.96MHZ
84m
1.60
1.70
SC32-2R7
2.7
7.96MHZ
97m
1.50
1.60
SC32-3R3
3.3
7.96MHZ
104m
1.30
1.55
SC32-3R9
3.9
7.96MHZ
145m
1.22
1.38
SC32-4R7
4.7
7.96MHZ
156m
1.05
1.30
SC32-5R6
5.6
7.96MHZ
194m
0.98
1.15
SC32-6R8
6.8
7.96MHZ
232m
0.87
1.02
SC32-8R2
8.2
7.96MHZ
285m
0.77
0.90
SC32-100
10
2.52MHZ
373m
0.71
0.80
SC32-120
12
2.52MHZ
397m
0.65
0.72
SC32-150
15
2.52MHZ
547m
0.57
0.66
SC32-180
18
2.52MHZ
592m
0.52
0.64
SC32-220
22
2.52MHZ
720m
0.47
0.60
SC32-270
27
2.52MHZ
889m
0.44
0.52
SC32-330
33
2.52MHZ
961m
0.39
0.47
SC32-390
39
2.52MHZ
1.20
0.36
0.44
SC32-470
47
2.52MHZ
1.47
0.33
0.40
SC32-560
56
2.52MHZ
1.80
0.31
0.39
SC32-680
68
2.52MHZ
2.30
0.28
0.33
SC32-820
82
2.52MHZ
2.45
0.25
0.31
SC32-101
100
1KHZ
3.20
0.22
0.29
SC32-121
120
1KHZ
4.10
0.20
0.25
SC32-151
150
1KHZ
4.78
0.17
0.23
SC32-181
180
1KHZ
7.65
0.15
0.20
SC32-221
220
1KHZ
9.20
0.13
0.17
SC32-271
270
1KHZ
9.90
0.11
0.15
SC32-331
330
1KHZ
11.2
0.09
0.14
SC32-391
390
1KHZ
12.7
0.09
0.13
SC32-471
470
1KHZ
14.0
0.08
0.13
SC32-561
560
1KHZ
19.8
0.07
0.12
SC32-681
680
1KHZ
22.7
0.06
0.11
(1). Inductance tolerance for 1.0uH:
±30%, for 1.4uH~680uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
10
100
1000
10
100
1000
BC32 I nduct ance decrease by current
10000
DC current (mA)
1
0. 1 1
681
270
1R0
BC32 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
1R0
270
681
SC32 Inductance decrease by current
SC32 Temperature rise by current
DC current (mA)
DC current (mA)
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC32-271

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC32-11SRWA KINGBRIGHT-SC32-11SRWA Datasheet
592Kb / 6P
8mm (0.32INCH) SINGLE DIGIT NUMERIC DISPLAY
JUN/18/2016 V.11A
More results

Similar Description - SC32-271

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com