Electronic Components Datasheet Search
  English  ▼

X  

AT73C239 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C239
Description  Power Management for Mobiles (PM)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C239 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C239 Datasheet HTML 1Page - ATMEL Corporation AT73C239 Datasheet HTML 2Page - ATMEL Corporation AT73C239 Datasheet HTML 3Page - ATMEL Corporation AT73C239 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• Main Supply 3.0V to 3.6V
• Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
• Internal State Machine for Startup
• 25 mA/1.8V-2.75V Linear Low Drop Out Regulator with High PSRR and Low Noise
(LDO1)
• 30 mA/1.5V-1.8V Linear Low Drop Out Regulator with High PSRR and Low Noise
(LDO2)
• 60 mA/1.23V-1.5V-1.8V Linear Low Drop Out Regulator with High PSRR (LDO3)
• 2 mA/1.2V-1.5V-1.8V Linear Low Drop Out Regulator with Very Low Quiescent Current
(LDO4)
• HPBG Economic High Performance Voltage Reference for LDO Supply to RF Sections
• LPBG Low Power Voltage Reference to LDO4 During Backup Battery Operation
• Internal Oscillator Generates Internal Master Clock
• Internal Reset Generator for Main Supply
• Additional External Reset Input
• Two Wire Interface (TWI) for Independent Activation and Output Voltage Programming
for Each LDO
• Available in 3 x 3 x 0.9 mm 16-pin QFN Package
• Applications: GPS Modules, WLAN Devices, Wireless Modules
1.
Description
The AT73C239 is a 4-channel Power Supply Power Management Unit (PMU) avail-
able in a QFN 3 x 3 mm package. It is a fully integrated, low cost, combined Power
Management device for wireless modules, GPS and WLAN devices. It integrates four
Linear Low Drop Out (LDO) Regulators, three of which provide high-accuracy RF per-
formance and one (LDO4) with very low quiescent current that is supplied by an
external backup battery. A Low Power Bandgap (LPBG) requiring no external capaci-
tor for decoupling, is used as reference voltage for LDO4 and starts when VBAT is
present. LDO4 regulates output voltage with extremely low quiescent current, maxi-
mizing the lifetime of the backup battery. An Internal State Machine manages the
startup of the other LDOs in the order of LDO3 then LDO1 then LDO2. An economic
High Power Bandgap (HPBG) provides highly accurate, low noise voltage reference
to LDOs 1, 2, 3. HPBG operates in switching mode thereby decreasing its current con-
sumption and becomes inactive when not directly supplied by VIN current. When the
RF LDOs are in idle mode, quiescent current is decreased to a minimum.
The AT73C239 features a Two-wire Interface (TWI) to increase the efficiency of the
system by disabling LDOs when not needed.
Power
Management for
Mobiles (PM)
AT73C239
4-channel Power
Management for
Wireless
Modules
Summary
6201AS–PMAAC–24-Oct-05


Similar Part No. - AT73C239

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239 Datasheet
472Kb / 31P
Power Management and Analog Companions (PMAAC)
AT73C239 ATMEL-AT73C239_07 Datasheet
472Kb / 31P
Power Management and Analog Companions (PMAAC)
AT73C239 ATMEL-AT73C239_14 Datasheet
475Kb / 31P
Independent 2.5V to 3.6V Auxiliary Supply for Backup Section
More results

Similar Description - AT73C239

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202 Datasheet
49Kb / 3P
Power Management for Mobiles (PM)
AT73C204 ATMEL-AT73C204 Datasheet
50Kb / 3P
Power Management for Mobiles (PM)
AT73C213 ATMEL-AT73C213 Datasheet
754Kb / 35P
Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
AT73C212 ATMEL-AT73C212 Datasheet
77Kb / 11P
Power Management for Mobiles (PM)
logo
Sparkle Power Inc.
FSP400-70UDPB SPI-FSP400-70UDPB Datasheet
98Kb / 1P
Power Management Bus (PM Bus)
FSP500-70UDPB SPI-FSP500-70UDPB Datasheet
98Kb / 1P
Power Management Bus (PM Bus)
FSP600-80UEPB SPI-FSP600-80UEPB Datasheet
98Kb / 1P
Power Management Bus (PM Bus)
FSP600-80WEPB SPI-FSP600-80WEPB Datasheet
219Kb / 1P
Power Management Bus (PM Bus)
FSP700-80UEPB SPI-FSP700-80UEPB Datasheet
98Kb / 1P
Power Management Bus (PM Bus)
logo
FSP TECHNOLOGY INC.
WALK5200 FSP-WALK5200 Datasheet
112Kb / 1P
Simple and elegantly designed Power Bank for mobiles devices.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com