Electronic Components Datasheet Search
  English  ▼

X  

SW16N65K Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SW16N65K
Description  N-Channel 650-V (D-S) Super Junction MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SW16N65K Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SW16N65K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SW16N65K Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Coss and Eoss vs. VDS
VDS, Drain-to-Source Voltage (V)
0
20
30
60
T
J = 25 °C
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
7 V
6 V
5 V
0
5
10
15
20
25
30
50
10
40
VDS, Drain-to-Source Voltage (V)
10
010
20
0
40
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9 V
8 V
7 V
6 V
5 V
20
30
T
J = 150 °C
515
25
30
VGS, Gate-to-Source Voltage (V)
40
010
25
60
20
515
20
0
T
J = 25 °C
T
J = 150 °C
V
DS = 29.6 V
30
50
10
TJ, Junction Temperature (°C)
2.5
0.5
- 60
3
2
1.5
1
0
- 40 - 20 0
20 40 60 80 100 120 140 160
V
GS = 10 V
I
D = 11 A
VDS, Drain-to-Source Voltage (V)
100
10
0
200
400
10 000
1
1000
100
300
500
600
C
iss
C
oss
C
rss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
0
2
4
6
8
10
12
14
50
500
5000
0
100
200
300
400
500
600
V
DS
C
oss
E
oss
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SW16N65K
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com