Electronic Components Datasheet Search
  English  ▼

X  

SWD30N06 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SWD30N06
Description  N-Channel 60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SWD30N06 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SWD30N06 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SWD30N06 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SWD30N06 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SWD30N06 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SWD30N06 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SWD30N06 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL CHARACTERISTICS 25 °C unless noted
Output Characteristics
Transconductance
Capacitance
0
20
40
60
80
100
0
2468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 6 V
4 V
5 V
3 V
0
8
16
24
32
0
5
10
15
20
25
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
200
400
600
800
1000
0
102030
405060
VDS - Drain-to-Source Voltage (V)
Crss
Ciss
Coss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
0
123
456
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C
0.00
0.02
0.04
0.06
0.08
0.10
0
10203040
50
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0
246
8
10
12
Qg - Total Gate Charge (nC)
VDS = 30 V
ID = 23 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
SWD30N06
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com