Electronic Components Datasheet Search
  English  ▼

X  

SWF3N80A Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SWF3N80A
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SWF3N80A Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SWF3N80A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SWF3N80A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Isolated Central Mounting Hole
•Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 23 mH, Rg = 25
Ω, IAS = 7.8 A (see fig. 12).
c. ISD
≤ 7.8 A, dI/dt ≤ 140 A/μs, VDD ≤ 600 V, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
850
RDS(on) (
Ω)VGS = 10 V
2.
Qg (Max.) (nC)
Qgs (nC)
Qgd (nC)
Configuration
Single
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
850
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
A
TC = 100 °C
3.9
Pulsed Drain Currenta
IDM
24
Linear Derating Factor
1.5
W/°C
Single Pulse Avalanche Energyb
EAS
770
mJ
Repetitive Avalanche Currenta
IAR
7.8
A
Repetitive Avalanche Energya
EAR
19
mJ
Maximum Power Dissipation
TC = 25 °C
PD
45
W
Peak Diode Recovery dV/dtc
dV/dt
5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply
S
N-Channel MOSFET
G
D
G D S
TO-220 FULLPAK
Top View
28
5
1
2
40
Power MOSFET
5.5
SWF3N80A
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - SWF3N80A

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWF3N80A SEMIPOWER-SWF3N80A Datasheet
954Kb / 7P
N-channel MOSFET
More results

Similar Description - SWF3N80A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com