Electronic Components Datasheet Search
  English  ▼

X  

VCNL3036 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VCNL3036
Description  High Resolution Digital Biosensor for Wearable Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3036 Datasheet(HTML) 1 Page - Vishay Siliconix

  VCNL3036 Datasheet HTML 1Page - Vishay Siliconix VCNL3036 Datasheet HTML 2Page - Vishay Siliconix VCNL3036 Datasheet HTML 3Page - Vishay Siliconix VCNL3036 Datasheet HTML 4Page - Vishay Siliconix VCNL3036 Datasheet HTML 5Page - Vishay Siliconix VCNL3036 Datasheet HTML 6Page - Vishay Siliconix VCNL3036 Datasheet HTML 7Page - Vishay Siliconix VCNL3036 Datasheet HTML 8Page - Vishay Siliconix VCNL3036 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VCNL3036
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 18-Mar-2020
1
Document Number: 84373
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Resolution Digital Biosensor for Wearable Applications
With I2C Interface
DESCRIPTION
VCNL3036 integrates a biosensor (BIO), a mux, and a driver
for up to 3 external IREDs / LEDs into one small package. It
incorporates photodiodes, amplifiers, and analog to digital
converting circuits into a single chip by CMOS process. BIO
programmable interrupt features of individual high and low
thresholds offers the best utilization of resource and power
saving on the microcontroller.
The biosensor features an intelligent cancellation scheme,
so that cross talk phenomenon is eliminated effectively. To
accelerate the BIO response time, smart persistence
prevents the misjudgment of proximity sensing but also
keeps a fast response time. Active force mode, one time
trigger by one instruction, is another good approach for
more design flexibility to fulfill different kinds of applications
with more power saving.
VCNL3036
provides
an
excellent
temperature
compensation capability for keeping output stable under
various temperature configurations. BIO functions are easily
operated via the simple command format of I2C (SMBus
compatible)
interface
protocol.
Operating
voltage
ranges from 2.5 V to 3.6 V. VCNL3036 is packaged in a
lead (Pb)-free 8-pin QFN package, which offers the best
market-proven reliability quality.
FEATURES
• Package type: surface-mount
• Dimensions (L x W x H in mm): 4.0 x 2.36 x 0.75
• Integrated modules: biosensor (BIO), photo
diode (PD), and signal conditioning IC
• Temperature compensation: -25 °C to +85 °C
• Low
power
consumption
I2C
(SMBus
compatible) interface
• Output type: I2C bus
• Operation voltage: 2.5 V to 3.6 V
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
OPTICAL BIOSENSORS FUNCTION
• Broader sensitivity photodiode allows to also work with
green and red LED
• Programmable LED sink current
• Intelligent cancellation to reduce cross talk phenomenon
• Smart persistence scheme to reduce response time
• Selectable for 12-bit / 16-bit BIO output data
INTERRUPT
• Programmable interrupt function for BIO with upper and
lower thresholds
• Adjustable persistence to prevent false triggers
APPLICATIONS
• Handheld device
• Wearable devices
• Consumer device
• Fitness and medical monitoring applications
Notes
(1) Adjustable through I2C interface
6
LED1
5
LED2
8
SDA
7
INT
LED3
4
GND
3
SCL
2
V
DD
1
PRODUCT SUMMARY
PART
NUMBER
OPERATING
VOLTAGE
RANGE
(V)
I2C BUS
VOLTAGE
RANGE
(V)
LED PULSE
CURRENT (1)
(mA)
SPECTRAL
BANDWIDTH
RANGE
λ0.5 (nm)
OUTPUT
CODE
ADC RESOLUTION
BIOSENSOR
VCNL3036
2.5 to 3.6
1.8 to 5.5
200
500 to 910
16 bit, I2C
16 bit


Similar Part No. - VCNL3036

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS08 VISHAY-VCNL3036-GS08 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS08 VISHAY-VCNL3036-GS08 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL3036-GS18 VISHAY-VCNL3036-GS18 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
More results

Similar Description - VCNL3036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5717 TOSHIBA-2SC5717 Datasheet
141Kb / 5P
Horizontal Deflection Output for Super High Resolution Display, Color TV, Digital TV. High Speed Switching Applications.
27-Nov-2001
logo
NEC
2SA1544 NEC-2SA1544 Datasheet
121Kb / 2P
High-Resolution Monitor TV Applications
logo
Texas Instruments
TPS62770 TI1-TPS62770 Datasheet
2Mb / 37P
Multi-Rail DC/DC Converter For Wearable Applications
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
1Mb / 27P
High-Efficiency Microcontroller for Wearable Devices
Rev 0; 8/16
logo
Vishay Siliconix
VCNL4020C VISHAY-VCNL4020C Datasheet
224Kb / 16P
High Resolution Digital Biosensor for Wearable Applications with I2C Interface
12-Jul-16
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036_V01 Datasheet
225Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V01 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
VCNL3036 VISHAY-VCNL3036_V02 Datasheet
226Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
18-Mar-2020
VCNL4020C VISHAY-VCNL4020C_V02 Datasheet
215Kb / 16P
High Resolution Digital Biosensor for Wearable Applications With I2C Interface
20-Mar-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com