Electronic Components Datasheet Search
  English  ▼

X  

BAV35WV Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BAV35WV
Description  350mW SOD-123 Fast Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV35WV Datasheet(HTML) 3 Page - Rectron Semiconductor

  BAV35WV Datasheet HTML 1Page - Rectron Semiconductor BAV35WV Datasheet HTML 2Page - Rectron Semiconductor BAV35WV Datasheet HTML 3Page - Rectron Semiconductor BAV35WV Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGING OF DIODE
Visit http:// www.rectron.com for complete datasheets
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
SOD-123
REEL
( EA )
COMPONENT
SPACE(mm)
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
3,000
---
---
178
438*438*220
180,000
9.00
PACKING
CODE
-T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com