Electronic Components Datasheet Search
  English  ▼

X  

41FR2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # 41FR2
Description  Magnetic actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

41FR2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  41FR2 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic actuator
41FR2
< Magnet Actuator
< Compatible with 40FR1.. Series
Dimensions
16
4 x 2.5
4 x 7.9
4 x ø5.3
15
16
15
Technical Data
Nominal ratings
Switching state indicator
NO contact
Ambient conditions
Ambient temperature
-40 ... 125 °C (-40 ... 257 °F)
Mechanical specifications
Housing material
Polycarbonate
Sensing face
Polycarbonate
Degree of protection
IP68
Note
ALNICO magnet
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - 41FR2

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
41FR10E OHMITE-41FR10E Datasheet
201Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 41FR2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLS-A2 ETC2-CLS-A2 Datasheet
72Kb / 1P
Safety magnetic sensors Magnetic units
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
Magnetic Magnetic
logo
Festo Corporation.
DGPL-25-400-PPV-A-B-KF FESTO-DGPL-25-400-PPV-A-B-KF Datasheet
97Kb / 1P
Linear actuator
DGPL-32-500-PPV-A-B-KF FESTO-DGPL-32-500-PPV-A-B-KF Datasheet
99Kb / 1P
Linear actuator
DGPL-40-400-PPV-A-B-KF FESTO-DGPL-40-400-PPV-A-B-KF Datasheet
98Kb / 1P
Linear actuator
logo
Pepperl+Fuchs Inc.
51FY7 PF-51FY7 Datasheet
199Kb / 1P
Magnetic actuator
52FR1 PF-52FR1 Datasheet
197Kb / 1P
Magnetic actuator
52FY11 PF-52FY11 Datasheet
210Kb / 1P
Magnetic actuator
52FY31-V4A PF-52FY31-V4A Datasheet
215Kb / 1P
Magnetic actuator
logo
Carlo Gavazzi Holding A...
CLS CARLOGAVAZZI-CLS Datasheet
76Kb / 1P
Safety magnetic sensors Magnetic units
01.02.2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com