Electronic Components Datasheet Search
  English  ▼

X  

BF8 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # BF8
Description  Mounting flange
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

BF8 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  BF8 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mounting flange
BF 8
< Retainer for all cylindrical sensors with M8 thread
< Simple installation and exact setting
< Large sensing range (max. 4 mm)
Mounting flange, 8 mm
Dimensions
20
8
13
3.2
3.2
Technical Data
General specifications
Inside diameter
8 mm
Ambient conditions
Ambient temperature
-25 ... 85 °C (-13 ... 185 °F)
Mechanical specifications
Material
Base: Crastin/PBT (green)
Upper section: PA (transparent)
Tightening torque, fastening screws
max. 0.5 Nm
Dimensions
20 mm x 26 mm x 13 mm
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - BF8

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
BF8-F PF-BF8-F Datasheet
497Kb / 2P
Mounting flange
logo
American Microsemicondu...
BF800 AMMSEMI-BF800 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
LOVATO Electric S.p.A.
BF8000A024 LOVATO-BF8000A024 Datasheet
198Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 50/60HZ, 24VAC
BF8000A110 LOVATO-BF8000A110 Datasheet
198Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 50/60HZ, 110VAC
BF8000A12060 LOVATO-BF8000A12060 Datasheet
197Kb / 6P
THREE-POLE CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 80A, AC COIL 60HZ, 120VAC
More results

Similar Description - BF8

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-95-3A-A GLENAIR-M85049-95-3A-A Datasheet
190Kb / 1P
Mounting Flange
M85049-96-03-A GLENAIR-M85049-96-03-A Datasheet
60Kb / 1P
Mounting Flange
logo
Pepperl+Fuchs Inc.
BF4 PF-BF4 Datasheet
510Kb / 1P
Mounting flange
BF5 PF-BF5 Datasheet
524Kb / 1P
Mounting flange
BF11 PF-BF11 Datasheet
368Kb / 1P
Mounting flange
BF12-F PF-BF12-F Datasheet
579Kb / 2P
Mounting flange
BF18-F PF-BF18-F Datasheet
735Kb / 2P
Mounting flange
BF30-F PF-BF30-F Datasheet
890Kb / 2P
Mounting flange
BF-L2 PF-BF-L2 Datasheet
1Mb / 1P
Mounting flange
BF-L3M PF-BF-L3M Datasheet
736Kb / 1P
Mounting flange
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com