Electronic Components Datasheet Search
  English  ▼

X  

SC105 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC105
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC105 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC105 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC105
37
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC105-100
10
2.52MHZ
0.06
2.60
3.60
SC105-120
12
2.52MHZ
0.07
2.45
3.30
SC105-150
15
2.52MHZ
0.08
2.27
3.00
SC105-180
18
2.52MHZ
0.09
2.15
2.60
SC105-220
22
2.52MHZ
0.10
1.95
2.40
SC105-270
27
2.52MHZ
0.11
1.76
2.30
SC105-330
33
2.52MHZ
0.12
1.50
2.16
SC105-390
39
2.52MHZ
0.14
1.37
2.00
SC105-470
47
2.52MHZ
0.17
1.28
1.80
SC105-560
56
2.52MHZ
0.19
1.17
1.60
SC105-680
68
2.52MHZ
0.22
1.11
1.50
SC105-820
82
2.52MHZ
0.25
1.00
1.40
SC105-101
100
1KHZ
0.35
0.97
1.30
SC105-121
120
1KHZ
0.40
0.89
1.20
SC105-151
150
1KHZ
0.47
0.78
1.05
SC105-181
180
1KHZ
0.63
0.72
1.00
SC105-221
220
1KHZ
0.73
0.66
0.90
SC105-271
270
1KHZ
0.97
0.57
0.78
SC105-331
330
1KHZ
1.15
0.52
0.68
SC105-391
390
1KHZ
1.30
0.48
0.56
SC105-471
470
1KHZ
1.48
0.42
0.48
SC105-561
560
1KHZ
1.90
0.33
0.46
SC105-681
680
1KHZ
2.25
0.28
0.45
SC105-821
820
1KHZ
2.55
0.24
0.43
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
1
10
100
100
1000
10000
10
BCRH105 I nduct ance decrease by current
100000
DC current (mA)
1000
0. 1
471
390
1R2
2000
3000
500
1000
1500
3500
2500
4000
0
BC105 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4500 5000
821
820
100
SC105 Inductance decrease by current
DC current (mA)
DC current (mA)
SC105 Temperature rise by current
Custom versions available upon request.
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19
belfuse.com/signal


Similar Part No. - SC105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SC105 IRF-SC105 Datasheet
99Kb / 5P
SCHOTTKY DIE 105 x 125 mils
logo
ZKTECO CO., LTD. All ri...
SC105 ZKTECO-SC105 Datasheet
411Kb / 2P
Color TFT & Graphical UI RFID Access Control Terminal
V2.1 12/29/2023
logo
Campbell Scientific Uni...
SC105 CAMPBELL-SC105 Datasheet
522Kb / 2P
CS I/O to 9-Pin RS-232 DCE Synchronous Interface
08/23/2019
logo
List of Unclassifed Man...
SC1050 ETC-SC1050 Datasheet
166Kb / 9P
VOLTAGE REGULATOR
SC1051 ETC-SC1051 Datasheet
166Kb / 9P
VOLTAGE REGULATOR
More results

Similar Description - SC105

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR6028 BEL-SCNR6028 Datasheet
691Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com