Electronic Components Datasheet Search
  English  ▼

X  

SC108 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC108
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC108 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC108 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC108
38
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction.
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC108-100
10
2.52MHZ
36m
4.05
4.70
SC108-120
12
2.52MHZ
38m
3.60
4.45
SC108-150
15
2.52MHZ
40m
3.34
4.00
SC108-180
18
2.52MHZ
50m
3.05
3.50
SC108-220
22
2.52MHZ
60m
2.80
3.40
SC108-270
27
2.52MHZ
70m
2.50
3.30
SC108-330
33
2.52MHZ
80m
2.40
3.20
SC108-390
39
2.52MHZ
90m
2.20
2.90
SC108-470
47
2.52MHZ
0.11
2.00
2.60
SC108-560
56
2.52MHZ
0.12
1.90
2.40
SC108-680
68
2.52MHZ
0.15
1.80
2.30
SC108-820
82
2.52MHZ
0.19
1.60
2.00
SC108-101
100
1KHZ
0.23
1.50
1.80
SC108-121
120
1KHZ
0.32
1.40
1.50
SC108-151
150
1KHZ
0.37
1.30
1.43
SC108-181
180
1KHZ
0.42
1.20
1.32
SC108-221
220
1KHZ
0.44
1.00
1.14
SC108-271
270
1KHZ
0.55
0.95
0.93
SC108-331
330
1KHZ
0.60
0.90
0.90
SC108-391
390
1KHZ
0.67
0..80
0.80
SC108-471
470
1KHZ
0.88
0.70
0.75
SC108-561
560
1KHZ
1.04
0.65
0.73
SC108-681
680
1KHZ
1.18
0.60
0.72
SC108-821
820
1KHZ
1.38
0.50
0.70
SC108-102
1000
1KHZ
1.74
0.48
0.63
SC108-122
1200
1KHZ
1.92
0.45
0.54
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
XXX
MARKING
1
100
1000
10000
100
1000
10000
10
BC108 I nduct ance decrease by current
DC current (mA)
100000
10
122
121
100
1000 2000 3000
4000
5000
6000
7000
0
8000
BC108 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
9000
122
121
100
SC108 Inductance decrease by current
SC108 Temperature rise by current
DC current (mA)
DC current (mA)
Custom versions available upon request.
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19
belfuse.com/signal


Similar Part No. - SC108

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC1088 SILAN-SC1088 Datasheet
184Kb / 7P
FM RECEIVER CIRCUIT FOR BATTERY SUPPLY
logo
Siemens Semiconductor G...
SC108E6 SIEMENS-SC108E6 Datasheet
101Kb / 3P
SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS
More results

Similar Description - SC108

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com