Electronic Components Datasheet Search
  English  ▼

X  

SC75B-331 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC75B-331
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC75B-331 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC75B-331 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC75B
57
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC75B-100
10
2.52MHZ
0.07
2.30
3.20
SC75B-120
12
2.52MHZ
0.08
2.00
3.00
SC75B-150
15
2.52MHZ
0.09
1.80
2.75
SC75B-180
18
2.52MHZ
0.10
1.60
2.40
SC75B-220
22
2.52MHZ
0.11
1.50
2.10
SC75B-270
27
2.52MHZ
0.12
1.30
1.85
SC75B-330
33
2.52MHZ
0.13
1.20
1.70
SC75B-390
39
2.52MHZ
0.16
1.10
1.55
SC75B-470
47
2.52MHZ
0.18
1.10
1.47
SC75B-560
56
2.52MHZ
0.24
0.94
1.30
SC75B-680
68
2.52MHZ
0.28
0.85
1.12
SC75B-820
82
2.52MHZ
0.37
0.78
1.03
SC75B-101
100
1KHZ
0.43
0.72
0.90
SC75B-121
120
1KHZ
0.47
0.66
0.86
SC75B-151
150
1KHZ
0.64
0.58
0.80
SC75B-181
180
1KHZ
0.71
0.51
0.76
SC75B-221
220
1KHZ
0.96
0.49
0.68
SC75B-271
270
1KHZ
1.11
0.42
0.60
SC75B-331
330
1KHZ
1.26
0.40
0.52
SC75B-391
390
1KHZ
1.77
0.36
0.50
SC75B-471
470
1KHZ
1.96
0.34
0.46
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
(3)
(4)
MARKING
XXX
0. 1
1
10
100
1000
100
1000
10000
10
BC75B I nduct ance decr ease by cur r ent
DC cur r ent ( mA)
470
68
10
500
1000 1500
2000
2500
3000
3500
0
4000
BC75B Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
100
680
471
SC75B Inductance decrease by current
SC75B Temperature rise by current
DC current (mA)
DC current (mA)
Custom versions available upon request.
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19
belfuse.com/signal


Similar Part No. - SC75B-331

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-100 BEL-SC75-100 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-101 BEL-SC75-101 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-120 BEL-SC75-120 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-121 BEL-SC75-121 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SC75B-331

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC3308F BEL-SC3308F Datasheet
807Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com