Electronic Components Datasheet Search
  English  ▼

X  

MPT57216 Datasheet(PDF) 11 Page - Texas Instruments

Part # MPT57216
Description  192-CHANNEL COLOR TFT COLUMN (SOURCE)DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57216 Datasheet(HTML) 11 Page - Texas Instruments

Back Button MPT57216 Datasheet HTML 4Page - Texas Instruments MPT57216 Datasheet HTML 5Page - Texas Instruments MPT57216 Datasheet HTML 6Page - Texas Instruments MPT57216 Datasheet HTML 7Page - Texas Instruments MPT57216 Datasheet HTML 8Page - Texas Instruments MPT57216 Datasheet HTML 9Page - Texas Instruments MPT57216 Datasheet HTML 10Page - Texas Instruments MPT57216 Datasheet HTML 11Page - Texas Instruments MPT57216 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MPT57216
192-CHANNEL COLOR TFT COLUMN (SOURCE) DRIVER
SGLS092 – MARCH 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLK
LS
OUTn
tsu(LS)
tr(LS)
tf(LS)
(See
Note B)
tp(OUT)
tw(LS)
(See
Note A)
(1H Last)
Case of Clock(CLK) Restart
Case of Clock(CLK) Suspend
V0 Level (See Notes C and D)
Vx Level
NOTES: A. Case of data input change: if data has changed after the last clock of 1H, then it is recommended to add a dummy clock of one pulse
after the last 1H pulse of the clock.
B. Case of suspending clock (CLK) after data transfer (1H) completion: it is recommended that the data input not be changed while
the clock is suspended.
C. All timing parameters and measurements are referenced at the 0.5 VDD point of each waveform except tp(OUT) on the OUTn
waveform. The reference point on the OUTn waveform is V0 + 0.1 Vx for positive-going transitions and V0 – 0.1 Vx for negative-going
transitions.
D. OUTn waveform transitions are from V0 level to Vx level. Maximum V0 and Vx levels are 8.0 V due to tester limitations.
E. Input pulse generators have the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr ≤ 15 ns, tf ≤ 15 ns, zo = 50 Ω.
F. VIH and VIL for all waveforms are at 0.8 VDD and 0.2 VDD respectively.
Figure 3. LS and OUTn Timing Waveforms
CLK
EIOx
(OUT)
tp(EN)
tCLK
tsu
C32 – C10
th
64th Data
Next 1st Data
64
1
2
3
VOH
VOL
NOTES: A. Input pulse generators have the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr ≤ 15 ns, tf ≤ 15 ns, zo = 50 Ω.
B. VIH and VIL for all waveforms are at 0.8 VDD and 0.2 VDD respectively.
C. All timing parameters and measurements are referenced at the 0.5 VDD point of each waveform.
Figure 4. Cxx and EIOx (OUT) Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com