Electronic Components Datasheet Search
  English  ▼

X  

FM802P Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM802P
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM802P Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM802P Datasheet HTML 1Page - Rectron Semiconductor FM802P Datasheet HTML 2Page - Rectron Semiconductor FM802P Datasheet HTML 3Page - Rectron Semiconductor FM802P Datasheet HTML 4Page - Rectron Semiconductor FM802P Datasheet HTML 5Page - Rectron Semiconductor FM802P Datasheet HTML 6Page - Rectron Semiconductor FM802P Datasheet HTML 7Page - Rectron Semiconductor FM802P Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FM807P
THRU
FM801P
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in millimeters
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC =95 OC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
8.0
200
Amps
0 C
Storage Temperature Range
IO
Operating Temperature Range
TJ
FM801P
50
-55 to + 150
150
0 C
FM802P
FM803P
FM804P
FM805P
FM806P
100
200
400
35
70
140
280
50
100
200
400
FM807P
600
1000
600
1000
420
700
2018-03
REV: A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
Maximum Instantaneous Forward Voltage at 8.0A DC
Volts
5
150
@TA = 25
oC
@TA = 100
oC
UNITS
1.1
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3. “Fully ROHS compliant”, “100% Sn plating (Pb-free)”.
I
2t
A
2/Sec
Current Squarad Time
165.9
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SURFACE MOUNT GLASS PASSIVATED
SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Ampere
DO-277
Top View
Bottom View
FEATURES
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
*
Ideal for SMT Mounting
*
High Forward Surge Capability
*
Low Forward Voltage Drop
*
Excellent High Temperature Stability
* Weight: 0.086 grams (approximate)
* Halogen-free
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
800
560
800
uAmps
FM801P
FM802P
FM803P
FM804P
FM805P
FM806P
FM807P


Similar Part No. - FM802P

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
2W audio power amplifier IC
FM80057 FUMAN-FM80057 Datasheet
271Kb / 4P
One-button Christmas Light String Control IC
FM8015 FUMAN-FM8015 Datasheet
185Kb / 2P
(with blowing smoke lock) electronic cigarette IC
logo
Fairchild Semiconductor
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
3-Pin 關C Supervisor Device
More results

Similar Description - FM802P

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
General Semiconductor
S2A GE-S2A Datasheet
74Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM4001B RECTRON-FM4001B Datasheet
29Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
SM4004-W RECTRON-SM4004-W Datasheet
445Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Olitech Electronics Co....
SM4001 OLITECH-SM4001 Datasheet
484Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Nantong Hornby Electron...
S1X HORNBY-S1X Datasheet
383Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM3013 RECTRON-FM3013 Datasheet
257Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM4001F RECTRON-FM4001F Datasheet
94Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com