Electronic Components Datasheet Search
  English  ▼

X  

FM804P Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM804P
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM804P Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM804P Datasheet HTML 1Page - Rectron Semiconductor FM804P Datasheet HTML 2Page - Rectron Semiconductor FM804P Datasheet HTML 3Page - Rectron Semiconductor FM804P Datasheet HTML 4Page - Rectron Semiconductor FM804P Datasheet HTML 5Page - Rectron Semiconductor FM804P Datasheet HTML 6Page - Rectron Semiconductor FM804P Datasheet HTML 7Page - Rectron Semiconductor FM804P Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
CASE TEMPERATURE, (
OC)
0
0.1
0.4
1.0
4
40
20
10
0
2
4
6
10
8
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
1
180
200
19
7
50
60
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
8.3mS Single Half Sine-Wave
JEDEC Method
TA =25
OC
Pulse Width = 300mS
1% Duty Cycle
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
020
1.0
10
100
1000
10000
120
100
40
60
80
140
FIG.3 TYPICAL REVERSE CHARACTERISTICS
TA = 100
OC
TA =25
OC
150
140
10
190
170
160
100
RATING AND CHARACTERISTICS CURVES ( FM801P THRU FM807P )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com