| Electronic Components Datasheet Search |
|
PIMXRT406LCVN4A Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT406LCVN4A Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 71 page ![]() i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021 8 NXP Semiconductors Modules list ENC Quadrature Encoder/Decoder Timer Peripherals The enhanced quadrature encoder/decoder module provides interfacing capability to position/speed sensors. There are five input signals: PHASEA, PHASEB, INDEX, TRIGGER, and HOME. This module is used to decode shaft position, revolution count, and speed. EWM External Watchdog Monitor Timer Peripherals The EWM modules is designed to monitor external circuits, as well as the software flow. This provides a back-up mechanism to the internal WDOG that can reset the system. The EWM differs from the internal WDOG in that it does not reset the system. The EWM, if allowed to time-out, provides an independent trigger pin that when asserted resets or places an external circuit into a safe mode. FlexIO1 Flexible Input/output Connectivity and Communications The FlexIO is capable of supporting a wide range of protocols including, but not limited to: UART, I2C, SPI, I2S, camera interface, display interface, PWM waveform generation, etc. The module can remain functional when the chip is in a low power mode provided the clock it is using remain active. FlexPWM1 Pulse Width Modulation Timer Peripherals The pulse-width modulator (PWM) contains four PWM sub-modules, each of which is set up to control a single half-bridge power stage. Fault channel support is provided. The PWM module can generate various switching patterns, including highly sophisticated waveforms. FlexRAM RAM Memories The i.MX RT1015 has 128 KB of on-chip RAM which could be flexible allocated to I-TCM, D-TCM, and on-chip RAM (OCRAM) in a 32 KB granularity. The FlexRAM is the manager of the 128 KB on-chip RAM array. Major functions of this blocks are: interfacing to I-TCM and D-TCM of Arm core and OCRAM controller; dynamic RAM arrays allocation for I-TCM, D-TCM, and OCRAM. FlexSPI Quad Serial Peripheral Interface Connectivity and Communications FlexSPI acts as an interface to one or two external serial flash devices, each with up to four bidirectional data lines. GPIO1 GPIO2 GPIO3 GPIO5 General Purpose I/O Modules System Control Peripherals Used for general purpose input/output to external ICs. Each GPIO module supports up to 32 bits of I/O. Table 2. i.MX RT1015 modules list (continued) Block mnemonic Block name Subsystem Brief description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |