Electronic Components Datasheet Search
  English  ▼

X  

ADP3161 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3161
Description  4-Bit Programmable 2-Phase Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3161 Datasheet(HTML) 3 Page - Analog Devices

  ADP3161 Datasheet HTML 1Page - Analog Devices ADP3161 Datasheet HTML 2Page - Analog Devices ADP3161 Datasheet HTML 3Page - Analog Devices ADP3161 Datasheet HTML 4Page - Analog Devices ADP3161 Datasheet HTML 5Page - Analog Devices ADP3161 Datasheet HTML 6Page - Analog Devices ADP3161 Datasheet HTML 7Page - Analog Devices ADP3161 Datasheet HTML 8Page - Analog Devices ADP3161 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
–3–
REV. 0
ADP3161
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
DC Supply Current
Normal Mode
ICC
3.8
5.5
mA
UVLO Mode
ICC(UVLO)
VCC
≤ VUVLO, VCC Rising
220
400
µA
UVLO Threshold Voltage
VUVLO
5.9
6.4
6.9
V
UVLO Hysteresis
0.1
0.4
0.6
V
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2Guaranteed by design, not tested in production.
Specifications subject to change without notice.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3161 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Function
1
NC
No Connect.
2–5
VID3–
Voltage Identification DAC Inputs.
VID0
These pins are pulled up to an internal refer-
ence, providing a Logic 1 if left open. The
DAC output programs the FB regulation
voltage from 1.3 V to 2.05 V.
6
COMP
Error Amplifier Output and Compensation
Point. The voltage at this output programs
the output current control level between
CS+ and CS–.
7
FB
Feedback Input. Error amplifier input for
remote sensing of the output voltage.
8
CT
External capacitor CT connection to ground
sets the frequency of the device.
9
GND
Ground. All internal signals of the ADP3161
are referenced to this ground.
10
PWRGD
Open drain output that signals when the output
voltage is in the proper operating range.
11
CS+
Current Sense Positive Node. Positive input
for the current comparator. The output
current is sensed as a voltage at this pin with
respect to CS–.
12
PWM2
Logic-level output for the phase 2 driver.
13
PWM1
Logic-level output for the phase 1 driver.
14
CS–
Current Sense Negative Node. Negative
input for the current comparator.
15
REF
3.0 V Reference Output.
16
VCC
Supply Voltage for the ADP3161.
ABSOLUTE MAXIMUM RATINGS
*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +15 V
CS+, CS– . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
All Other Inputs and Outputs . . . . . . . . . . . . –0.3 V to +10 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 70°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
θJA
Two-Layer Board . . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C/W
Four-Layer Board . . . . . . . . . . . . . . . . . . . . . . . . . . 81
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged. Unless otherwise specified, all voltages are referenced
to GND.
PIN CONFIGURATION
R-16A
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ADP3161
VCC
REF
GND
CT
COMP
PWM1
PWM2
PWRGD
CS–
CS+
FB
NC
VID3
VID2
VID1
VID0
NC = NO CONNECT
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADP3161JR 0
°C to 70°C
Narrow Body SOIC
R-16A (SO-16)
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com