Electronic Components Datasheet Search
  English  ▼

X  

SC3S06504II Datasheet(PDF) 5 Page - Rectron Semiconductor

Part # SC3S06504II
Description  Silicon Carbide Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SC3S06504II Datasheet(HTML) 5 Page - Rectron Semiconductor

  SC3S06504II Datasheet HTML 1Page - Rectron Semiconductor SC3S06504II Datasheet HTML 2Page - Rectron Semiconductor SC3S06504II Datasheet HTML 3Page - Rectron Semiconductor SC3S06504II Datasheet HTML 4Page - Rectron Semiconductor SC3S06504II Datasheet HTML 5Page - Rectron Semiconductor SC3S06504II Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Package TO-220-2
POS
Inches
Millimeters
Min
Max
Min
Max
A
0.381
0.410
9.677
10.414
B
0.235
0.255
5.969
6.477
C
0.100
0.120
2.540
3.048
D
0.223
0.337
5.664
8.560
D1
0.457-0.490 typ.
11.60-12.45 typ.
D2
0.277-0.303 typ.
7.04-7.70 typ.
D3
0.244-0.252 typ.
6.22-6.4 typ.
E
0.590
0.615
14.986
15.621
E1
0.302
0.326
7.68
8.28
E2
0.227
0.251
5.77
6.37
F
0.143
0.153
3.632
3.886
G
1.105
1.147
28.067
29.134
H
0.500
0.550
12.700
13.970
L
0.025
0.036
0.635
0.914
M
0.045
0.055
1.143
1.550
N
0.195
0.205
4.953
5.207
P
0.165
0.185
4.191
4.699
Q
0.048
0.054
1.219
1.372
S
3°6°3°6°
T
3°6°3°6°
U
3°6°3°6°
V
0.094
0.110
2.388
2.794
W
0.014
0.025
0.356
0.635
X
3°
5.5°
3°
5.5°
Y
0.385
0.410
9.779
10.414
Z
0.130
0.150
3.302
3.810
Package Dimensions
Mica sheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com