Electronic Components Datasheet Search
  English  ▼

X  

RTO50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RTO50
Description  Power Resistor, Thick Film Technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RTO50 Datasheet(HTML) 1 Page - Vishay Siliconix

  RTO50 Datasheet HTML 1Page - Vishay Siliconix RTO50 Datasheet HTML 2Page - Vishay Siliconix RTO50 Datasheet HTML 3Page - Vishay Siliconix RTO50 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
17
RTO 50
Vishay Sfernice
Document Number: 50035
Revision 14-Jan-05
For technical questions, contact sfer@vishay.com
Power Resistor, Thick Film Technology
FEATURES
• 50 Watt at 25°C Heatsink Mounted
• Adjusted by sand trimming
• Leaded or surface mount versions
• High power to size ratio
• Non inductive element
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick Film
Connections
Tinned copper alloy
Weight
2g max.
DIMENSIONS
Standard Package
TO 220
Insulated Case
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55°C to + 155°C
Climatic Category
55/155/156
Sealing
Sealed container
Solder immersion
Because of the knowledge and experience in Thick Film technology, Vishay Sfernice has been able to develop a high power
resistor in a TO 220 package called RTO 50. The special design of this component allows the dissipation of 50W when mounted
on a heatsink. The ohmic value is adjusted by sand trimming. This process does not generate hot spots as in laser trimming,
which could lead to microcracks on each side of the curve. This process improves the reliability and the stability of the resistor
and at the same time gives a good overload capability.
• Tolerance unless otherwise specified: ± 0.4mm
RTO 50F - LEADED
RTO 50C - FOR SURFACE MOUNTING
4.5
1.3
8.8
Ø 0.8
10.1
13.7
12.5
5.08
15
Ø 3.6
2.5
4.5
1.3
8.8
10.1
12.5
5.08
15
Ø 3.6
0.3
1.8
3
2
DIMENSIONS in millimeters
Resistance Range
0.010Ω to 1MΩ
Tolerances Standard
± 1% to ± 10%
Dissipation and Associated
Onto a heatsink
Thermal Resistance
50W at + 25°C
and Nominal Power
RTH (j-c): 2.6°C/W
free air:
2.25W at + 25°C
Temperature Coefficient
See Performance table
Standard
± 150ppm/°C
Limiting Element Voltage
300V
Dielectric Strength
2000VRMS - 1 Minute - 10mA Max
MIL STD 202 (301)
Insulation Resistance
≥ 106 MΩ
Inductance
≤ 0.1 µH
Critical Resistance
1.8 kΩ
ELECTRICAL SPECIFICATIONS


Similar Part No. - RTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50_15 Datasheet
89Kb / 5P
50 W Power Resistor, Thick Film Technology, TO-220
18-Sep-15
More results

Similar Description - RTO50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
Power Resistor Thick Film Technology
22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
Power Resistor Thick Film Technology
01-Aug-13
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO150 VISHAY-LTO150 Datasheet
112Kb / 5P
Clip Mount Power Resistor Thick Film Technology
27-Sep-2019
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com