Electronic Components Datasheet Search
  English  ▼

X  

SC3308F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SC3308F
Description  SMD POWER INDUCTORS Open frame construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SC3308F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SC3308F Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC3308F
79
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Open frame construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC3308F-100
10
100KHZ
0.11
2.4
2.48
SC3308F-150
15
100KHZ
0.15
2.0
2.10
SC3308F-220
22
100KHZ
0.23
1.6
1.64
SC3308F-330
33
100KHZ
0.30
1.4
1.30
SC3308F-470
47
100KHZ
0.39
1.0
1.00
SC3308F-680
68
100KHZ
0.66
0.9
0.82
SC3308F-101
100
100KHZ
0.84
0.7
0.70
SC3308F-151
150
100KHZ
1.2
0.6
0.62
SC3308F-221
220
100KHZ
1.9
0.5
0.48
SC3308F-331
330
100KHZ
2.7
0.4
0.38
SC3308F-471
470
100KHZ
4.0
0.3
0.28
SC3308F-681
680
100KHZ
5.3
0.2
0.24
SC3308F-102
1000
100KHZ
8.4
0.1
0.18
(1). Inductance tolerance
±20% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 10% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
.
(3)
(4)
MARKING
XXX
10
100
1000
100
1000
10000
10
BC3308F I nduct ance decrease by current
100000
DC current (mA)
10000
1
102
101
100
BC3308F Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
2000
3000
500
1000
1500
3500
2500
4000
0
4500 5000
102
101
100
SC3308F Inductance decrease by current
DC current (mA)
DC current (mA)
SC3308F Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SC3308F

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
SC3308 AMCC-SC3308 Datasheet
291Kb / 8P
20-OUTPUT LVTTL CLOCK DRIVERS
More results

Similar Description - SC3308F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53 BEL-SC53 Datasheet
242Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC54 BEL-SC54 Datasheet
1,022Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC75 BEL-SC75 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC105 BEL-SC105 Datasheet
914Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1812 BEL-SC1812 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC1813FH BEL-SC1813FH Datasheet
780Kb / 1P
SMD POWER INDUCTORS Open frame construction
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
SMD POWER INDUCTORS Open frame construction
SCNR4012 BEL-SCNR4012 Datasheet
835Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SCNR6028 BEL-SCNR6028 Datasheet
691Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com