Electronic Components Datasheet Search
  English  ▼

X  

2SC6020 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC6020
Description  NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6020 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC6020 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6020 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6020 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6020 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC6020
No.8356-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output Capacitance
Cob
VCB=10V, f=1MHz
20
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1.5A, IB=30mA
105
160
mV
IC=2.5A, IB=50mA
130
195
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2.5A, IB=50mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
See specified Test Circuit.
300
ns
Fall Time
tf
See specified Test Circuit.
15
ns
Package Dimensions
Package Dimensions
unit : mm
unit : mm
7518-003
7003-003
Switching Time Test Circuit
VR
RB
VCC=12V
IC=20IB1= --20IB2=2.5A
VBE= --5V
+
+
50
Ω
RL
INPUT
OUTPUT
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
6
5
4
2
3
1
0
7
5
6
4
2
3
1
0
0.2
0
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
IC -- VCE
IT09447
10mA
20mA
40mA
60mA
80mA
100mA
IB=0mA
5mA
VCE=2V
0
0.2
0.4
0.6
0.8
1.1
1.0
0.1
0.3
0.5
0.7
0.9
IC -- VBE
IT09448
30mA
50mA
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com