Electronic Components Datasheet Search
  English  ▼

X  

2SC6064 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6064
Description  NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6064 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6064 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6064 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6064
No. A0270-3/4
IT10521
3
1.0
3
Ta= --25°
C
25°C
75°C
2
7
5
IC / IB=10
IT10522
0.01
3
25
0.1
72
3
2
3
5
1.0
7
IC / IB=20
Ta=75
°C
--25
°C
25
°C
0.01
2
0.1
7
5
3
2
2
1.0
7
5
3
1.0
0.1
2
2
5
3
7
10
2
5
3
7
5
3
7
ICP=4A
100ms
1ms
IC=2A
IT10524
500
µ
s
<10µs
DC
operation
10ms
5
3
5
7
2
10
3
7
IT10519
0.1
3
25
1.0
72
3
5
10
72
3
5
7
f=1MHz
Ta=75
°C
--25
°C
IT10520
IC / IB=10
25°
C
0.01
3
25
0.1
72
3
2
3
5
1.0
7
0.01
7
7
5
3
5
3
2
0.1
7
5
3
2
0.01
3
25
0.1
72
3
2
3
5
1.0
7
7
5
0.01
3
2
0.1
7
5
3
2
3
1.0
3
Ta= --25°C
25°C
75°C
2
7
5
IC / IB=20
IT10523
0.01
3
25
0.1
72
3
2
3
5
1.0
7
7
5
3
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Ta=25
°C
Single pulse
IT10517
23
5
7
0.01
0.1
23
23
57 1.0
VCE=2V
5
100
7
5
3
2
7
Ta=75
°C
25
°C
--25
°C
0.01
3
25
0.1
72
3
2
3
5
1.0
7
5
7
100
3
2
7
5
IT10518
VCE=10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com