Electronic Components Datasheet Search
  English  ▼

X  

VCFN12GE Datasheet(PDF) 2 Page - Schneider Electric

Part # VCFN12GE
Description  TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCFN12GE Datasheet(HTML) 2 Page - Schneider Electric

  VCFN12GE Datasheet HTML 1Page - Schneider Electric VCFN12GE Datasheet HTML 2Page - Schneider Electric VCFN12GE Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Icw] rated short-time withstand Rms
current
140 A 400 V 1 s
Rated conditional short-circuit current
6 kA 400 V 12 A aM
6 kA 400 V 12 A gG
Breaking capacity
120 A 400 V AC-22A)
120 A 400 V AC-23A)
120 A AC-21A)
Mechanical durability
50000 cycles
Electrical durability
30000 cycles DC-1...5
50000 cycles AC-21
Suitability for isolation
Yes
Connections - terminals
Control circuit connector 0.01 in² (4 mm²) flexible with cable end
Control circuit connector 0.01 in² (4 mm²) solid
Tightening torque
Control circuit 6.20 lbf.in (0.7 N.m) connector
Fire resistance
1760 °F (960 °C) IEC 60595-2-1
Handle front plate dimension
60 x 60 mm
Height
5.16 in (131 mm)
Width
3.25 in (82.5 mm)
Depth
4.17 in (106 mm)
Net Weight
0.93 lb(US) (0.422 kg)
Environment
Standards
IEC 60947-4-1
Protective treatment
TC
Mechanical robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient air temperature for operation
-4…122 °F (-20…50 °C)
Ordering and shipping details
Category
21730 - V VARIO SWITCH
Discount Schedule
CP1
GTIN
00785901715306
Nbr. of units in pkg.
1
Package weight(Lbs)
0.67 lb(US) (0.30 kg)
Returnability
Yes
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.54 in (9 cm)
Package 1 width
4.33 in (11 cm)
Package 1 Length
5.51 in (14 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
7
Package 2 Weight
5.45 lb(US) (2.471 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
112
Package 3 Weight
110.17 lb(US) (49.972 kg)
Package 3 Height
31.50 in (80 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com