Electronic Components Datasheet Search
  English  ▼

X  

M2G Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # M2G
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

M2G Datasheet(HTML) 1 Page - Rectron Semiconductor

  M2G Datasheet HTML 1Page - Rectron Semiconductor M2G Datasheet HTML 2Page - Rectron Semiconductor M2G Datasheet HTML 3Page - Rectron Semiconductor M2G Datasheet HTML 4Page - Rectron Semiconductor M2G Datasheet HTML 5Page - Rectron Semiconductor M2G Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
THRU
M1G
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
I
2t
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
3.7
15
Amps
A
2/Sec
0 C/W
0 C/W
0 C
Storage Temperature Range
R JA
Typical Thermal Resistance (Note 1)
27
80
30
R JL
IO
pF
Operating Temperature Range
TJ
M1G
M2G
M3G
M4G
M5G
M6G
M7G
50
150
-55 to + 150
0 C
100
200
400
600
35
70
140
280
420
50
100
200
400
600
800
1000
800
1000
560
700
2018-09
REV:A
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
1.0
50
@TA = 25
oC
@TA = 100
oC
uA
UNITS
1.0
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. " ROHS compliant"
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
*Metallurgically bonded construction
*Mounting position: Any
* Weight: 0.057 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
M7G
Dimensions in inches and (millimeters)
M1G
M2G
M3G
M4G
M5G
M6G
M7G
SMX
SMX


Similar Part No. - M2G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M2G MACOM-M2G Datasheet
349Kb / 3P
Double-Balanced Mixer
logo
SEMTECH ELECTRONICS LTD...
M2G SEMTECH_ELEC-M2G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
M/A-COM Technology Solu...
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
M2G MA-COM-M2G Datasheet
993Kb / 3P
Double-Balanced Mixer
logo
Shanghai Shunye Electro...
M2G SHUNYE-M2G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
More results

Similar Description - M2G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
FM4001B RECTRON-FM4001B Datasheet
29Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
SM4004-W RECTRON-SM4004-W Datasheet
445Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Olitech Electronics Co....
SM4001 OLITECH-SM4001 Datasheet
484Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Nantong Hornby Electron...
S1X HORNBY-S1X Datasheet
383Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM801P RECTRON-FM801P Datasheet
300Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM3013 RECTRON-FM3013 Datasheet
257Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM4001F RECTRON-FM4001F Datasheet
94Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com