Electronic Components Datasheet Search
  English  ▼

X  

SA3 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SA3
Description  SURFACE MOUNT SILICON RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SA3 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SA3 Datasheet HTML 1Page - Rectron Semiconductor SA3 Datasheet HTML 2Page - Rectron Semiconductor SA3 Datasheet HTML 3Page - Rectron Semiconductor SA3 Datasheet HTML 4Page - Rectron Semiconductor SA3 Datasheet HTML 5Page - Rectron Semiconductor SA3 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0
20
10
40
30
50
0
0.4
0.2
0.6
0.8
1.0
86
2
4
10
20
40
60 80 100
175
150
125
100
75
50
250
0
0.1
0.01
1.0
10
1.0
0.5
1.5
2.0
2.5
3.0
RATING AND CHARACTERISTICS CURVES (
FIG.3
INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.1
FORWARD CURRENT
DERATING CURVE
FIG.2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
1
1.0
0.4
0.1
4
10
200
1000
60
20
40
80
100
120
140
FIG.4
REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
4
6
40
20
10
60
200
100
0.2
0.1
2
1
0.4
1
2
4
10
20
40
100
FIG.5 TYPICAL JUNCTION CAPACITANCE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
8.3ms Single Half Sine-Wave
(JEDED Method)
Pulse Width = 300ms
1% Duty Cycle
TA = 100
OC
TA = 150
OC
TA = 25
OC
TA = 25
OC
MAXIMUM
MAXIMUM
MAXIMUM
SA1V THRU SA7V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com