Electronic Components Datasheet Search
  English  ▼

X  

COP-IRDA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # COP-IRDA
Description  IrDA COMMUNICATION ADAPTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

COP-IRDA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  COP-IRDA Datasheet HTML 1Page - M-System Co.,Ltd. COP-IRDA Datasheet HTML 2Page - M-System Co.,Ltd. COP-IRDA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: COP-IRDA
COP-IRDA SPECIFICATIONS
ES-9204 Rev.4 Page 1/3
http://www.m-system.co.jp/
IrDA COMMUNICATION ADAPTOR
(PC Configurator use)
Functions & Features
• Communication adaptor used to configure M-System’s
products equipped with an IrDA port (e.g. model 71VR1,
SC100) from a PC
• USB connection to the PC
MODEL: COP–IRDA[1]
ORDERING INFORMATION
• Code number: COP-IRDA[1]
Specify a code from below for [1].
(e.g. COP-IRDA/C144)
[1] OPTIONS
Holder (must be specified)
/CL: Adaptor with L Type holder
/C96: Adaptor with holder for 96 mm height
/C144: Adaptor with holder for 144 mm height
/C: Adaptor only
/NL: L Type holder only
/N96: Holder (for 96 mm height) only
/N144: Holder (for 144 mm height) only
OPTIONS
AVAILABLE MODELS
/C96
/N96
71VR
/C144
/N144
SC100
SC200
SC110
SC210
RELATED PRODUCTS
• Driver software
Software downloadable at M-System’s web site.
GENERAL SPECIFICATIONS
Connection: USB Type A connector
Housing material: Resin (black)
COMMUNICATION
Standard: USB, IrDA
IrDA communication distance: Max. 20 cm
CONNECTED DEVICE
USB: PC/AT compatible
OS (Windows 10 (32-bit, 64-bit), Windows 7 (32-bit, 64-bit),
Windows Vista (32-bit), Windows XP)
IrDA: M-System’s related IrDA products.
INSTALLATION
Supply voltage: 4.75 – 5.25 V DC, approx. 100mA
(supplied through USB port)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight:
/CL: 110g (3.9 oz)
/C96: 100g (3.5 oz)
/C144: 160g (5.6 oz)
/C: 60g (2.1 oz)
/NL: 50g (1.8 oz)
/N96: 40g (1.4 oz)
/N144: 100g (3.5 oz)


Similar Part No. - COP-IRDA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/C144 MSYSTEM-COP-IRDA/C144 Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/C96 MSYSTEM-COP-IRDA/C96 Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/CL MSYSTEM-COP-IRDA/CL Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
COP-IRDA/N144 MSYSTEM-COP-IRDA/N144 Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
More results

Similar Description - COP-IRDA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
IrDA infrared communication module
RPM871-H7 ROHM-RPM871-H7 Datasheet
93Kb / 7P
IrDA Infrared communication Module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
IrDA Infrared Communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
IrDA Infrared Communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
IrDA infrared communication module
logo
M-System Co.,Ltd.
COPIRDA MSYSTEM-COPIRDA Datasheet
107Kb / 3P
IrDA COMMUNICATION ADAPTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com