Electronic Components Datasheet Search
  English  ▼

X  

B3VS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # B3VS
Description  Space-saving Two-wire Signal Conditioners B3-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

B3VS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  B3VS Datasheet HTML 1Page - M-System Co.,Ltd. B3VS Datasheet HTML 2Page - M-System Co.,Ltd. B3VS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: B3VS/1
B3VS/1 SPECIFICATIONS
ES-7524 Rev.5 Page 1/3
https://www.m-system.co.jp/
Space-saving Two-wire Signal
Conditioners B3-UNIT
SIGNAL TRANSMITTER
(single-channel output loop powered isolator)
Functions & Features
• Converts a DC input into an isolated 4 – 20 mA DC signal
• Monitor terminals
• High-density mounting
mm (inch)
110.5
(4.35)
18 (.71)
106
(4.17)
MODEL: B3VS/1–[1][2]
ORDERING INFORMATION
• Code number: B3VS/1-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. B3VS/1-A/UL/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 499 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 250 Ω)
F: 0 – 10 mA DC (Input resistance 499 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
Specify input resistance value for code Z.
(R ≤ 0.25 W ÷ [F.S. Current]2)
■ DC Voltage: -100 – +100 V DC
(Max. voltage across the input terminals:
70 V for conform with EU Directive; 60 V for UL approval)
Minimum span: 1 V
Offset: Max. 1.5 times span
Input resistance:
Span 1 – 2 V: ≥ 1MΩ
Span ≥ 2 V: ≥ 1MΩ
(≥ 80 kΩ with no supply voltage)


Similar Part No. - B3VS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3VS/1-0 MSYSTEM-B3VS/1-0 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS/1-0/Q MSYSTEM-B3VS/1-0/Q Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS/1-0/UL MSYSTEM-B3VS/1-0/UL Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS/1-3 MSYSTEM-B3VS/1-3 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS/1-3/Q MSYSTEM-B3VS/1-3/Q Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results

Similar Description - B3VS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3FR MSYSTEM-B3FR Datasheet
122Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FT MSYSTEM-B3FT Datasheet
133Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3FV MSYSTEM-B3FV Datasheet
111Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU2 MSYSTEM-B3HU2 Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3PU MSYSTEM-B3PU Datasheet
121Kb / 4P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS1 MSYSTEM-B3VS1 Datasheet
104Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3VS2 MSYSTEM-B3VS2 Datasheet
106Kb / 3P
Space-saving Two-wire Signal Conditioners B3-UNIT
BCT MSYSTEM-BCT Datasheet
112Kb / 3P
Space-saving Two-wire Signal Conditioners B-UNIT
BPT MSYSTEM-BPT Datasheet
104Kb / 2P
Space-saving Two-wire Signal Conditioners B-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com