Electronic Components Datasheet Search
  English  ▼

X  

SCRH4D18 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH4D18
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH4D18 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH4D18 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH4D18
111
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH4D18-1R0
1.0
100KHZ
35m
1.72
3.60
SCRH4D18-2R2
2.2
100KHZ
58m
1.32
2.70
SCRH4D18-2R7
2.7
100KHZ
80m
1.28
2.40
SCRH4D18-3R3
3.3
100KHZ
85m
1.04
2.10
SCRH4D18-3R9
3.9
100KHZ
120m
0.88
1.79
SCRH4D18-4R7
4.7
100KHZ
125m
0.84
1.70
SCRH4D18-5R6
5.6
100KHZ
145m
0.80
1.35
SCRH4D18-6R8
6.8
100KHZ
170m
0.76
1.28
SCRH4D18-8R2
8.2
100KHZ
190m
0.68
1.10
SCRH4D18-100
10
100KHZ
200m
0.61
1.08
SCRH4D18-120
12
100KHZ
210m
0.56
1.00
SCRH4D18-150
15
100KHZ
240m
0.50
0.95
SCRH4D18-180
18
100KHZ
338m
0.48
0.90
SCRH4D18-220
22
100KHZ
397m
0.41
0.80
SCRH4D18-270
27
100KHZ
441m
0.35
0.72
SCRH4D18-330
33
100KHZ
694m
0.32
0.66
SCRH4D18-390
39
100KHZ
709m
0.30
0.59
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
0. 1
1
10
100
1000
100
1000
10000
10
BCRH4D18 I nduct ance decrease by current
100000
DC current (mA)
390
8R2
1R0
500
1000 1500
2000
2500 3000 3500
0
4000
BCRH4D18 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
70
60
50
40
30
20
10
4500
390
8R2
1R0
SCRH4D18 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH4D18 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH4D18

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH4D28 BEL-SCRH4D28 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH4D28-100 BEL-SCRH4D28-100 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH4D28-101 BEL-SCRH4D28-101 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH4D28-120 BEL-SCRH4D28-120 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH4D28-121 BEL-SCRH4D28-121 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH4D18

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com