Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS930 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments ADS930 Datasheet HTML 10Page - Texas Instruments ADS930 Datasheet HTML 11Page - Texas Instruments ADS930 Datasheet HTML 12Page - Texas Instruments ADS930 Datasheet HTML 13Page - Texas Instruments ADS930 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ADS930
11
SBAS059A
are recommended to meet the rated performance specifica-
tions. However, the ADS930 performance is tolerant to duty
cycle variations of as much as
±10%, which should not
affect the performance. For applications operating with
input frequencies up to Nyquist (fCLK/2) or undersampling
applications, special considerations must be made to provide
a clock with very low jitter. Clock jitter leads to aperture
jitter (tA) which can be the ultimate limitation in achieving
good SNR performance. The following equation shows the
relationship between aperture jitter, input frequency and the
signal-to-noise ratio:
SNR = 20log10 [1/(2
π f
IN tA)]
(4)
LVDD, the digital output levels will vary respectively. It is
recommended to limit the fan-out to one in order to keep the
capacitive loading on the data lines below the specified
15pF. If necessary, external buffers or latches may be used
to provide the added benefit of isolating the ADC from any
digital activities on the bus coupling back high frequency
noise which degrades the performance.
POWER-DOWN MODE
The ADS930’s low power consumption can be reduced even
further by initiating a power-down mode. For this, the Power
Down Pin (Pin 17) must be tied to a logic “High” reducing
the current drawn from the supply by approximately 70%. In
normal operation, the power-down mode is disabled by an
internal pull-down resistor (50k
Ω).
During power-down, the digital outputs are set in 3-state.
With the clock applied, the converter does not accurately
process the sampled signal. After removing the power-down
condition, the output data from the following 5 clock cycles
is invalid (data latency).
DECOUPLING AND GROUNDING
CONSIDERATIONS
The ADS930 has several supply pins, one of which is
dedicated to supply only the output driver (LVDD). The
remaining supply pins are not divided into analog and digital
supply pins since they are internally connected on the chip.
For this reason, it is recommended that the converter be
treated as an analog component and to power it from the
analog supply only. Digital supply lines often carry high
levels of noise which can couple back into the converter and
limit performance.
Because of the pipeline architecture, the converter also
generates high frequency transients and noise that are fed
back into the supply and reference lines. This requires that
the supply and reference pins be sufficiently bypassed.
Figure 8 shows the recommended decoupling scheme for the
analog supplies. In most cases 0.1
µF ceramic chip capacitors
are adequate to keep the impedance low over a wide fre-
quency range. Their effectiveness largely depends on the
proximity to the individual supply pin. Therefore, they
should be located as close as possible to the supply pins.
DIGITAL OUTPUTS
There is a 5.0 clock cycle data latency from the start convert
signal to the valid output data. The standard output coding
is Straight Offset Binary where a full scale input signal
corresponds to all “1’s” at the output. The digital outputs of
the ADS930 can be set to a high impedance state by driving
the OE (pin 16) with a logic “HI”. Normal operation is
achieved with pin 16 “LO” or Floating due to internal pull-
down resistors. This function is provided for testability
purposes but is not recommended to be used dynamically.
The digital outputs of the ADS930 are standard CMOS
stages and designed to be compatible to both high speed
TTL and CMOS logic families. The logic thresholds are for
low-voltage CMOS: VOL = 0.4V, VOH = 2.4V, which allows
the ADS930 to directly interface to 3V-logic. The digital
output driver of the ADS930 uses a dedicated digital supply
pin (pin 2, LVDD) see Figure 7. By adjusting the voltage on
TABLE I. Coding Table for the ADS930.
+FS (IN = +2V)
11111111
+FS –1LSB
11111111
+FS –2LSB
11111110
+3/4 Full Scale
11100000
+1/2 Full Scale
11000000
+1/4 Full Scale
10100000
+1LSB
10000001
Bipolar Zero (IN +1.5V)
10000000
–1LSB
01111111
–1/4 Full Scale
01100000
–1/2 Full Scale
01000000
–3/4 Full Scale
00100000
–FS +1LSB
00000001
–FS (IN = +1V)
00000000
STRAIGHT OFFSET BINARY
(SOB)
SINGLE-ENDED INPUT
PIN 12
(IN = 1.5V DC)
FLOATING or LO
+V
S
+LV
DD
ADS930
Digital
Output
Stage
FIGURE 7. Independent Supply Connection for Output
Stage.
V
S
1
13
14
GND
ADS930
0.1µF
V
S
18
19
20
GND
0.1µF
V
S
28
0.1µF
FIGURE 8. Recommended Bypassing for Analog Supply
Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com