Electronic Components Datasheet Search
  English  ▼

X  

56F8147 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8147
Description  16-BIT HYBRID CONTROLLERS
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8147 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8147 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8147 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 176 page
background image
56F8347 Technical Data, Rev. 3.0
8
Freescale Semiconductor
Preliminary
1.2.1
56F8347 Features
The 56F8347 hybrid controller includes 128KB of Program Flash and 8KB of Data Flash (each
programmable through the JTAG port) with 4KB of Program RAM and 8KB of Data RAM. It also
supports program execution from external memory.
A total of 8KB of Boot Flash is incorporated for easy customer inclusion of field-programmable software
routines that can be used to program the main Program and Data Flash memory areas. Both Program and
Data Flash memories can be independently bulk erased or erased in pages. Program Flash page erase size
is 1KB. Boot and Data Flash page erase size is 512 bytes. The Boot Flash memory can also be either bulk
or page erased.
A key application-specific feature of the 56F8347 is the inclusion of two Pulse Width Modulator (PWM)
modules. These modules each incorporate three complementary, individually programmable PWM signal
output pairs (each module is also capable of supporting six independent PWM functions, for a total of 12
PWM outputs) to enhance motor control functionality. Complementary operation permits programmable
dead time insertion, distortion correction via current sensing by software, and separate top and bottom
output polarity control. The up-counter value is programmable to support a continuously variable PWM
frequency. Edge-aligned and center-aligned synchronous pulse width control (0% to 100% modulation) is
supported. The device is capable of controlling most motor types: ACIM (AC Induction Motors); both
BDC and BLDC (Brush and Brushless DC motors); SRM and VRM (Switched and Variable Reluctance
Motors); and stepper motors. The PWMs incorporate fault protection and cycle-by-cycle current limiting
with sufficient output drive capability to directly drive standard optoisolators. A “smoke-inhibit”,
write-once protection feature for key parameters is also included. A patented PWM waveform distortion
correction circuit is also provided. Each PWM is double-buffered and includes interrupt controls to permit
integral reload rates to be programmable from 1 to 16. The PWM modules provide reference outputs to
synchronize the Analog-to-Digital Converters through two channels of Quad Timer C.
The 56F8347 incorporates two Quadrature Decoders capable of capturing all four transitions on the
two-phase inputs, permitting generation of a number proportional to actual position. Speed computation
capabilities accommodate both fast- and slow-moving shafts. An integrated watchdog timer in the
Quadrature Decoder can be programmed with a time-out value to alert when no shaft motion is detected.
Each input is filtered to ensure only true transitions are recorded.
This hybrid controller also provides a full set of standard programmable peripherals that include two Serial
Communications Interfaces (SCIs); two Serial Peripheral Interfaces (SPIs); and four Quad Timers. Any of
these interfaces can be used as General Purpose Input/Outputs (GPIOs) if that function is not required. A
Flex Controller Area Network (FlexCAN) interface (CAN Version 2.0 B-compliant) and an internal
interrupt controller are a part of the 56F8347.
1.2.2
56F8147 Features
The 56F8147 hybrid controller includes 128KB of Program Flash, programmable through the JTAG port,
with 8KB of Data RAM. It also supports program execution from external memory.
A total of 8KB of Boot Flash is incorporated for easy customer inclusion of field-programmable software
routines that can be used to program the main Program Flash memory area, which can be independently



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com