Electronic Components Datasheet Search
  English  ▼

X  

SCRH5D28 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH5D28
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH5D28 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH5D28 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH5D28
114
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part NumSer
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH5D28-2R6
2.6
10KHZ
18m
2.60
4.90
SCRH5D28-3R0
3.0
10KHZ
24m
2.30
4.40
SCRH5D28-4R2
4.2
10KHZ
31m
2.00
4.00
SCRH5D28-5R3
5.3
10KHZ
38m
1.80
3.60
SCRH5D28-6R2
6.2
10KHZ
45m
1.65
3.24
SCRH5D28-8R2
8.2
10KHZ
53m
1.44
2.92
SCRH5D28-100
10
10KHZ
65m
1.30
2.62
SCRH5D28-120
12
10KHZ
76m
1.15
2.35
SCRH5D28-150
15
10KHZ
103m
1.00
2.11
SCRH5D28-180
18
10KHZ
110m
0.95
1.89
SCRH5D28-220
22
10KHZ
122m
0.86
1.70
SCRH5D28-270
27
10KHZ
175m
0.79
1.53
SCRH5D28-330
33
10KHZ
189m
0.72
1.37
SCRH5D28-390
39
10KHZ
212m
0.65
1.23
SCRH5D28-470
47
10KHZ
260m
0.60
1.10
SCRH5D28-560
56
10KHZ
305m
0.55
1.04
SCRH5D28-680
68
10KHZ
355m
0.50
0.98
SCRH5D28-820
82
10KHZ
463m
0.45
0.93
SCRH5D28-101
100
10KHZ
520m
0.40
0.84
SCRH5D28-121
120
10KHZ
850m
0.31
0.75
SCRH5D28-151
150
10KHZ
956m
0.26
0.68
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
BCRH5D28 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000
2000
3000
7000
5000
8000
0
9000
151
270
2R6
100
1000
100
1000
10000
BCRH5D28 I nduct ance decrease by current
100000
DC current (mA)
10
1
10
0. 1
2R6
270
151
SCRH5D28 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH5D28 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH5D28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R-100 BEL-SCRH5D28R-100 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R-101 BEL-SCRH5D28R-101 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R-120 BEL-SCRH5D28R-120 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R-150 BEL-SCRH5D28R-150 Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH5D28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH8D43 BEL-SCRH8D43 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com