Electronic Components Datasheet Search
  English  ▼

X  

SCRH5D28R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH5D28R
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH5D28R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH5D28R Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH5D28R
wwwsignaltransformer.com
147
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH5D28R-2R5
2.5
100KHZ
17.6m
2.60
4.40
SCRH5D28R-3R3
3.3
100KHZ
20.3m
2.30
4.18
SCRH5D28R-4R0
4.0
100KHZ
27.0m
2.10
3.96
SCRH5D28R-5R0
5.0
100KHZ
31.1m
1.85
3.38
SCRH5D28R-6R0
6.0
100KHZ
41.9m
1.70
3.00
SCRH5D28R-8R0
8.0
100KHZ
49.9m
1.50
2.70
SCRH5D28R-100
10
100KHZ
54.0m
1.30
2.43
SCRH5D28R-120
12
100KHZ
71.6m
1.20
2.18
SCRH5D28R-150
15
100KHZ
82.4m
1.10
1.96
SCRH5D28R-180
18
100KHZ
101.5m
1.05
1.76
SCRH5D28R-220
22
100KHZ
119.0m
0.95
1.58
SCRH5D28R-270
27
100KHZ
146.0m
0.85
1.50
SCRH5D28R-330
33
100KHZ
182.5m
0.76
1.35
SCRH5D28R-390
39
100KHZ
209.5m
0.68
1.21
SCRH5D28R-470
47
100KHZ
229.5m
0.60
1.15
SCRH5D28R-560
56
100KHZ
305.0m
0.55
1.03
SCRH5D28R-680
68
100KHZ
351.0m
0.48
0.94
SCRH5D28R-820
82
100KHZ
418.5m
0.45
0.85
SCRH5D28R-101
100
100KHZ
520.0m
0.40
0.78
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 35% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
XXX
MARKING
(3)
(4)
10
100
100
1000
10000
10
BCRH5D28R I nduct ance decrease by current
100000
DC cur r ent (mA)
1
0. 1
1000
101
180
2R5
BCRH5D28R Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000
3000
7000
5000
8000
0
9000 10000
101
180
2R5
SCRH5D28R Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH5D28R Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH5D28R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28-100 BEL-SCRH5D28-100 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28-101 BEL-SCRH5D28-101 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28-120 BEL-SCRH5D28-120 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28-121 BEL-SCRH5D28-121 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH5D28R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH8D43 BEL-SCRH8D43 Datasheet
778Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com