Electronic Components Datasheet Search
  English  ▼

X  

126ALX Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 126ALX
Description  Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

126ALX Datasheet(HTML) 4 Page - Vishay Siliconix

  126ALX Datasheet HTML 1Page - Vishay Siliconix 126ALX Datasheet HTML 2Page - Vishay Siliconix 126ALX Datasheet HTML 3Page - Vishay Siliconix 126ALX Datasheet HTML 4Page - Vishay Siliconix 126ALX Datasheet HTML 5Page - Vishay Siliconix 126ALX Datasheet HTML 6Page - Vishay Siliconix 126ALX Datasheet HTML 7Page - Vishay Siliconix 126ALX Datasheet HTML 8Page - Vishay Siliconix 126ALX Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
126 ALX
www.vishay.com
Vishay BCcomponents
Revision: 30-Jun-2020
4
Document Number: 28570
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
125 °C
(mA)
IL1
1 min
(μA)
IL5
5 min
(μA)
tan
δ
100 Hz
MAX.
ESR
100 Hz
(
Ω)
MAX.
ESR
10 kHz
(
Ω)
Z
MAX.
10 kHz
(
Ω)
ORDERING CODE MAL2126.......
IN BOX
FORM AA
TAPED
ON REEL
FORM BR
TAPED
IN BOX
FORM BA
MOUNTING
RING
FORM MR
10
470
6.5 x 18
190
96
59
0.30
1.016
0.991
2.100
-
24471E3
34471E3
-
680
8 x 18
300
122
67
0.30
0.702
0.579
1.000
-
24681E3
34681E3
-
1000
10 x 18
520
160
80
0.32
0.509
0.382
0.750
-
24102E3
34102E3
-
1500
10 x 30
670
220
100
0.32
0.224
0.091
0.078
14152E3
24152E3
-
-
2700
12.5 x 30
890
364
148
0.34
0.132
0.070
0.061
14272E3
24272E3
-
-
3900
15 x 30
1140
508
196
0.36
0.097
0.055
0.046
14392E3
24392E3
-
44392E3
6800
18 x 30
1450
856
312
0.42
0.065
0.037
0.043
14682E3
-
-
44682E3
10 000
18 x 38
1880
1240
440
0.50
0.053
0.032
0.029
14103E3
-
-
44103E3
12 000
21 x 38
2200
1480
520
0.54
0.047
0.029
0.029
14123E3
-
-
44123E3
16
180
6.5 x 18
180
75
52
0.20
1.768
1.121
2.500
-
25181E3
35181E3
-
330
8 x 18
230
103
61
0.20
0.965
0.517
1.500
-
25331E3
35331E3
-
470
10 x 18
330
130
70
0.20
0.677
0.330
0.830
-
25471E3
35471E3
-
680
10 x 25
490
171
84
0.20
0.468
0.228
0.550
-
25681E3
35681E3
-
1000
10 x 30
630
232
104
0.22
0.231
0.090
0.108
15102E3
25102E3
-
-
2200
12.5 x 30
860
462
181
0.24
0.115
0.058
0.061
15222E3
25222E3
-
-
2700
15 x 30
1090
558
213
0.24
0.093
0.051
0.046
15272E3
25272E3
-
45272E3
4700
18 x 30
1480
942
341
0.28
0.063
0.034
0.043
15472E3
-
-
45472E3
6800
18 x 38
1930
1346
475
0.32
0.049
0.029
0.035
15682E3
-
-
45682E3
8200
21 x 38
2100
1614
565
0.36
0.046
0.027
0.029
15822E3
-
-
45822E3
25
150
6.5 x 18
160
85
55
0.18
1.910
1.162
2.300
-
26151E3
36151E3
-
220
8 x 18
210
106
62
0.18
1.302
0.670
0.910
-
26221E3
36221E3
-
270
10 x 18
270
121
67
0.18
1.061
0.497
1.250
-
26271E3
36271E3
-
560
10 x 25
440
208
96
0.18
0.512
0.239
0.570
-
26561E3
36561E3
-
680
10 x 30
580
244
108
0.18
0.278
0.099
0.119
16681E3
26681E3
-
-
1200
12.5 x 30
790
400
160
0.20
0.175
0.050
0.061
16122E3
26122E3
-
-
1800
15 x 30
1020
580
220
0.20
0.117
0.041
0.046
16182E3
26182E3
-
46182E3
2700
18 x 30
1320
850
310
0.24
0.093
0.033
0.043
16272E3
-
-
46272E3
3900
18 x 38
1840
1210
430
0.26
0.070
0.030
0.036
16392E3
-
-
46392E3
5600
21 x 38
2100
1720
600
0.30
0.056
0.024
0.029
16562E3
-
-
46562E3
40
68
6.5 x 18
120
73
51
0.11
2.575
1.566
2.800
-
27689E3
37689E3
-
120
8 x 18
180
98
59
0.11
1.459
0.751
1.300
-
27121E3
37121E3
-
150
10 x 18
250
112
64
0.11
1.167
0.546
1.000
-
27151E3
37151E3
-
220
10 x 25
350
146
75
0.11
0.786
0.372
0.680
-
27221E3
37221E3
-
330
10 x 30
490
198
93
0.11
0.350
0.125
0.150
17331E3
27331E3
-
-
560
12.5 x 30
750
309
130
0.11
0.206
0.081
0.097
17561E3
27561E3
-
-
820
15 x 30
970
434
171
0.11
0.141
0.050
0.055
17821E3
27821E3
-
47821E3
1200
18 x 30
1250
616
232
0.13
0.114
0.041
0.049
17122E3
-
-
47122E3
1800
18 x 38
1640
904
328
0.13
0.076
0.036
0.043
17182E3
-
-
47182E3
2700
21 x 38
1810
1336
472
0.15
0.058
0.027
0.031
17272E3
-
-
47272E3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com