Electronic Components Datasheet Search
  English  ▼

X  

125ALS Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 125ALS
Description  Aluminum Electrolytic Capacitors Axial Miniature, Long-Life
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

125ALS Datasheet(HTML) 8 Page - Vishay Siliconix

  125ALS Datasheet HTML 1Page - Vishay Siliconix 125ALS Datasheet HTML 2Page - Vishay Siliconix 125ALS Datasheet HTML 3Page - Vishay Siliconix 125ALS Datasheet HTML 4Page - Vishay Siliconix 125ALS Datasheet HTML 5Page - Vishay Siliconix 125ALS Datasheet HTML 6Page - Vishay Siliconix 125ALS Datasheet HTML 7Page - Vishay Siliconix 125ALS Datasheet HTML 8Page - Vishay Siliconix 125ALS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
125 ALS
www.vishay.com
Vishay BCcomponents
Revision: 12-May-2021
8
Document Number: 28464
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 6
Table 7
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
UR
(V)
FREQUENCY (Hz)
50
100
300
1000
3000
 10 000
IR MULTIPLIER
10
0.95
1.00
1.07
1.12
1.15
1.20
16
0.90
1.00
1.12
1.20
1.25
1.30
25
0.90
1.00
1.12
1.20
1.25
1.30
40
0.85
1.00
1.20
1.30
1.35
1.40
63
0.85
1.00
1.20
1.30
1.35
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4 /
EN130300
subclause 4.13
Tamb = 105 °C; UR applied;
Case Ø D x L:
6.5 mm x 18 mm to 10 mm x 25 mm: 3000 h;
10 mm x 30 mm to 21 mm x 38 mm: 5000 h
UR  10 V; C/C: +15 % / -30 %
UR  10 V; C/C: ± 15 %
tan
  1.3 x spec. limit
Z
 2 x spec. limit
IL5  spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
Case Ø D x L:
6.5 mm x 18 mm to 10 mm x 25 mm: 5000 h;
10 mm x 30 mm to 21 mm x 38 mm: 10 000 h
UR  10 V; C/C: +45 % / -50 %
UR  10 V; C/C: ± 45 %
tan
  3 x spec. limit
Z
 3 x spec. limit
IL5  spec. limit
no short open circuit
total failure percentage:
 1 %
Shelf life
(storage at
high temperature)
IEC 60384-4 /
EN130300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
500 h
After test: UR to be applied for 30 min, 
24 h to 48 h before measurement
C/C, tan , Z: 
for requirements
see “Endurance test” above
IL5  2 x spec. limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com