Electronic Components Datasheet Search
  English  ▼

X  

NAND02G-B Datasheet(PDF) 36 Page - STMicroelectronics

Part # NAND02G-B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND02G-B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button NAND02G-B Datasheet HTML 32Page - STMicroelectronics NAND02G-B Datasheet HTML 33Page - STMicroelectronics NAND02G-B Datasheet HTML 34Page - STMicroelectronics NAND02G-B Datasheet HTML 35Page - STMicroelectronics NAND02G-B Datasheet HTML 36Page - STMicroelectronics NAND02G-B Datasheet HTML 37Page - STMicroelectronics NAND02G-B Datasheet HTML 38Page - STMicroelectronics NAND02G-B Datasheet HTML 39Page - STMicroelectronics NAND02G-B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Data protection
NAND01G-B, NAND02G-B
36/64
7
Data protection
The device has both hardware and software features to protect against program and erase
operations.
It features a Write Protect, WP, pin, which can be used to protect the device against program
and erase operations. It is recommended to keep WP at VIL during power-up and power-
down.
In addition, to protect the memory from any involuntary program/erase operations during
power-transitions, the device has an internal voltage detector which disables all functions
whenever VDD is below VLKO (see Table 22 and Table 23).
The device features a Block Lock mode, which is enabled by setting the Power-Up Read
Enable, Lock/Unlock Enable, PRL, signal to High.
The Block Lock mode has two levels of software protection.
●
Blocks Lock/Unlock
●
Blocks Lock-down
Refer to Figure 18 for an overview of the protection mechanism.
7.1
Blocks Lock
All the blocks are locked simultaneously by issuing a Blocks Lock command (see Table 10:
Commands).
All blocks are locked after power-up and when the Write Protect signal is Low.
Once all the blocks are locked, one sequence of consecutive blocks can be unlocked by
using the Blocks Unlock command.
Refer to Figure 23: Command Latch AC Waveforms for details on how to issue the
command.
7.2
Blocks Unlock
A sequence of consecutive locked blocks can be unlocked, to allow program or erase
operations, by issuing an Blocks Unlock command (see Table 10: Commands).
The Blocks Unlock command consists of four steps:
1.
One bus cycle to setup the command
2.
two or three bus cycles to give the Start Block Address (refer to Table 8, Table 9 and
Figure 16)
3.
one bus cycle to confirm the command
4.
two or three bus cycles to give the End Block Address (refer to Table 8, Table 9 and
Figure 16).
The Start Block Address must be nearer the logical LSB (Least Significant Bit) than End
Block Address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com