Electronic Components Datasheet Search
  English  ▼

X  

SPL31A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SPL31A
Description  64KB LCD Controller/Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPL31A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SPL31A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 7Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 8Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 9Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 10Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 11Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 12Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 13Page - List of Unclassifed Manufacturers SPL31A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SPL31A
10. REVISION HISTORY
Date
Revision #
Description
Page
NOV. 17, 1999
0.1
Original
SEP. 22, 2000
0.2
OSC Resistor Typ. 220K -> 177K
8
OCT. 19, 2000
1.0
Delete “PRELIMINARY”
APR. 30, 2001
1.1
1. Correct Min. (VLCD) - VDD > -0.5 to Min. (VLCD) > VDD
2. Renew to a new document format
5
AUG. 10, 2001
1.2
1. Update “6. ELECTRCIAL SPECIFICATIONS”
2. Correct chip size
3. Add Note1 in the “8.1 PAD Assignment”
4. Renew to a new document
8 - 9
11
11
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
14
AUG. 10, 2001
Version: 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com