Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 5 Page - Vectron International, Inc

  VC-501 Datasheet HTML 1Page - Vectron International, Inc VC-501 Datasheet HTML 2Page - Vectron International, Inc VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VC-501 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 5 of 6
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 6
V
Voltage Control Range
VC
0 to VCC
V
Storage Temperature
TS
-55 to 125
C
Soldering Temp/Time
TLS
240/10
C/sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or
any other conditions in excess of conditions represented in the operational sections of this data sheet. Exposure to absolute maximum
ratings for extended periods may adversely affect device reliability.
Reliability
The VC-501 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014
Resistance to Solvents
MIL-STD-883, Method 2015
Handling Precautions
Although ESD protection circuitry has been designed into the VC-501 proper precautions should be taken when handling and mounting. VI
employs a human body model and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human Body Model
500
MIL-STD 883, Method 3015
Charged Device Model
500
JESD 22-C101
Recommended Solder Reflow Profile
VI qualification includes aging at various extreme temperatures, shock and vibration, temperature cycling, and IR
reflow simulation. The conditions a device can withstand are well understood and devices can be subjected to
the profile above. This profile shows a ramp up condition to prevent thermal shock, a preheat period in which the
flux is activated, a ramp up to 183
C which is the reflow temperature of Sn/Pb eutectic, and a gradual cool down.
The time above 183
C should not exceed 60 seconds and the peak temperature should be no more than 240C
for 10 seconds. The VC-501
’
sar
eher
met
i
cal
l
yseal
edsoanaqueouswashi
snotani
ssue.
Standard Frequencies (MHz)
100.00
106.250
125.000
155.520
156.250
161.1328
167.3316
6 0
6 0 -9 0
4 5 -6 0
1 5 0
1 8 3
2 2 0
T im e (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com