Electronic Components Datasheet Search
  English  ▼

X  

BCV47 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BCV47
Description  High collector current High current gain Complementary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BCV47 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BCV47 Datasheet HTML 1Page - Rectron Semiconductor BCV47 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Marking code
BCV47
Silicon NPN SMD triode
1
base 2
emitter 3
collector
For general AF applications
High collector current High current gain
Complementary types:(PNP) BCV46
Maximum ratings(Ta=25
unless otherwise noted)
V
80
V
V
60
V
V
V
I
mA
I
mA
Ptot
mW
T
Tstg
Electrical Characteristics (Ta=25
unless otherwise noted)
Symbol
Min
Max
Unit
80
60
V
10
V
100
I
100
nA
2000
4000
10000
V
1V
V
1.5
V
f
100
MHz
Base-Emitter Saturation Voltage
IC=100mA IB=0.1mA
HFE
VCE=5V IC=1mA
VCE=5V IC=10mA
VCE=5V IC=100mA
V
V
V
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
VCB=60V IE =0
nA
I
Collector Cutoff Current
transition frequency
VCE=5V IC=50mA
f=100MHz
Parameter
Symbol
Unit
Base current
100
I C=10mA IB=0
IC=100uA IE=0
V
Emitter Cutoff Current
VCE=10V IB=0
Collector-Emitter Saturation Voltage
IC=100mA IB=0.1mA
DC Current Gain
Emitter-Base Breakdown Voltage
IE=10uA IC=0
Storage Temperature
Parameter
Test Condition
Collector Current
500
Total power dissipation Tamb
25°C
250
Junction Temperature
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
10
Value
2019-01/17
REV:O
SOT-23
Ouline example
BCV47


Similar Part No. - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV47 PHILIPS-BCV47 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV47 SIEMENS-BCV47 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV47 INFINEON-BCV47 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV47

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
PNP Silicon Darlington Transistor (High current gain High collector current)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
NPN Silicon Darlington Transistor (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
NPN Silicon Darlington Transistors (High current gain High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
BC876 SIEMENS-BC876 Datasheet
170Kb / 4P
PNP Silicon Darlington Transistors (High current gain High collector current)
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com