Electronic Components Datasheet Search
  English  ▼

X  

PI3C16211V Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C16211V
Description  3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C16211V Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C16211V Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C16211V Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C16211V Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C16211V Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PI3C16211
3.3V, High Bandwidth 24-Bit Bus Switch
2
PS8456C
05/29/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Storage Temperature ............................................................... –65°C to +150°C
Ambient Temperature with Power Applied ................................. –40°Cto+85°C
Supply Voltage to Ground Potential (Inputs & VCC Only) ............–0.5Vto+4.6V
Supply Voltage to Ground Potential (Outputs & D/O Only) .......... –0.5Vto+4.6V
DCI/OVoltage ............................................................................. –0.5Vto+5.5V
DC Output Current ................................................................................. 120mA
Power Dissipation ..................................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Capacitance (TA = 25°C f = 1 MHz)
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2
——
V
V L
I
e
g
a
t
l
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–—
8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,
.
x
a
M
=
N
I
V
=
C
C
——
1
±
A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,
.
x
a
M
=
N
I=
D
N
G
——
1
±
I Z
O
)
3
(
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
e
d
e
p
m
I
-
h
g
i
H0
≤
B
,
A
≤ V C
C
——
1
±
V K
I
e
g
a
t
l
o
V
e
d
o
i
d
p
m
a
l
CV C
C
I
,
.
n
i
M
=
N
I
A
m
8
1
–
=
—
3
7
.
0
–
2
.
1
–
V
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
t
i
w
S
)
4
(
V C
C
V
,
.
n
i
M
=
N
I
V
0
.
0
=
I N
O
A
m
4
6
r
o
A
m
8
4
=
—
5
.
65
.
8
Ω
V C
C
V
,
.
n
i
M
=
N
I
V
4
.
2
=
I N
O
A
m
5
1
=
—
0
15
1
s
r
e
t
e
m
a
r
a
P
)
5
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
Ts
t
i
n
U
C N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
5
.
3
F
p
C
F
F
O
f
f
O
h
c
t
i
w
S
,
e
c
n
a
t
i
c
a
p
a
C
B
/
A0
.
4
C N
O
n
O
h
c
t
i
w
S
,
e
c
n
a
t
i
c
a
p
a
C
B
/
A0
.
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com