Electronic Components Datasheet Search
  English  ▼

X  

DF83N Datasheet(PDF) 1 Page - Schneider Electric

Part # DF83N
Description  Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF83N Datasheet(HTML) 1 Page - Schneider Electric

  DF83N Datasheet HTML 1Page - Schneider Electric DF83N Datasheet HTML 2Page - Schneider Electric DF83N Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
DF83N
Fuse carrier TeSys DF, 3P+N 25A, fuse size
8.5x31.5 mm
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 43.40 USD
Main
Range
TeSys
Product name
TeSys DF
Product or component type
Fuse carrier
Device short name
DF8
Device composition
tubular link locked in Neutral pole
Product compatibility
DF2BA fuse cartridge
DF2BN fuse cartridge
Poles description
3P + N
Fuse size
8.3 x 31.5 mm
Fuse type
, aM
, gG
Control type
Toggle padlockable
Utilisation category
AC-20B IEC 60947-3
[Ue] rated operational voltage
400 V AC
[Ie] rated operational current
25 A 400 V AC
[Ith] conventional free air thermal
current
25 A 68 °F (20 °C)
[Ui] rated insulation voltage
500 V AC
[Uimp] rated impulse withstand voltage
6 kV
Overvoltage category
III
Short-circuit withstand
20 kA 400 V IEC 60947-3
Power dissipation in W
2.5 W maximum power dissipation by fuse
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 12, 2021
1


Similar Part No. - DF83N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF83N SCHNEIDER-DF83N Datasheet
127Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83NV SCHNEIDER-DF83NV Datasheet
115Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF83NV SCHNEIDER-DF83NV Datasheet
128Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF83NV SCHNEIDER-DF83NV_V01 Datasheet
128Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF83N SCHNEIDER-DF83N_V01 Datasheet
127Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
More results

Similar Description - DF83N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF83NV SCHNEIDER-DF83NV Datasheet
115Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF83 SCHNEIDER-DF83 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF82 SCHNEIDER-DF82 Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF81N SCHNEIDER-DF81N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF81NV SCHNEIDER-DF81NV_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF81N SCHNEIDER-DF81N_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF82 SCHNEIDER-DF82_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83NV SCHNEIDER-DF83NV_V01 Datasheet
128Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF83N SCHNEIDER-DF83N_V01 Datasheet
127Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83 SCHNEIDER-DF83_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com