Electronic Components Datasheet Search
  English  ▼

X  

ST03 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # ST03
Description  Sensor tester
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

ST03 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  ST03 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sensor tester
ST 03
< Two LEDs (NPN/PNP) for displaying the switching state
< Suitable for ultrasonic sensors due to output current of 100 mA
< Usable for 2-, 3- an 4-wire sensors in NPN- and PNP-technique
as well as for NAMUR sensors
Sensor tester
Function
The sensor tester is suitable for function testing of all 2-, 3- and 4-wire PNP and NPN DC sensors and for testing NAMUR sensors.
Power is supplied to the sensor via the 0 V and 18 V clamp. For 3- and 4-wire sensors, the signal line is also applied to the third terminal. When
the sensor output switches, this is displayed by a LED and indicated as well by a buzzing tone.
Because of the high output load capacity of max. 100 mA, ultrasonic sensors or similar devices can also be connected.
The automatic On/Off function prevents unnecessary use of energy and makes operation simple.
Dimensions
27
130
Technical Data
Electrical specifications
Operating voltage
UB
18 V, two 9 V block batteries included with delivery
Current loading capacity
load current max. 100 mA
Mechanical specifications
Connection
3 connection terminals
for 0 V, 18 V and signal input
Dimensions
131 mm x 65 mm x 27 mm
Note
NAMUR sensors are not tested in accordance with EN 60079-11
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - ST03

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST03-240F1 SHINDENGEN-ST03-240F1 Datasheet
688Kb / 1P
Power zener Diode
ST03-240F1 SHINDENGEN-ST03-240F1_17 Datasheet
217Kb / 4P
Power Zener Diode
ST03-43F1 SHINDENGEN-ST03-43F1 Datasheet
158Kb / 4P
Single Zener Diode
ST03-47F1 SHINDENGEN-ST03-47F1 Datasheet
717Kb / 1P
Power zener Diode
ST03-47F1 SHINDENGEN-ST03-47F1_17 Datasheet
220Kb / 4P
Power Zener Diode
More results

Similar Description - ST03

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380363 EXTECH-380363 Datasheet
442Kb / 10P
Insulation Tester / Megohmmeter
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
Battery Capacity Tester
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Good Will Instrument Co...
GUT-6000B GWINSTEK-GUT-6000B Datasheet
680Kb / 1P
Digital IC Tester
logo
SANYO DENKI CO., LTD.
9AT2560A-0001CS SANYODENKI-9AT2560A-0001CS Datasheet
1Mb / 4P
Airflow Tester
logo
Fluke Corporation
T150 FLUKE-T150 Datasheet
1Mb / 4P
Voltage Continuity Tester
logo
Good Will Instrument Co...
GLC-9000 GWINSTEK-GLC-9000 Datasheet
776Kb / 2P
LEAKAGE CURRENT TESTER
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com