Electronic Components Datasheet Search
  English  ▼

X  

DTC143XM Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC143XM
Description  DIGITAL TRANSISTOR (NPN)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143XM Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC143XM Datasheet HTML 1Page - Rectron Semiconductor DTC143XM Datasheet HTML 2Page - Rectron Semiconductor DTC143XM Datasheet HTML 3Page - Rectron Semiconductor DTC143XM Datasheet HTML 4Page - Rectron Semiconductor DTC143XM Datasheet HTML 5Page - Rectron Semiconductor DTC143XM Datasheet HTML 6Page - Rectron Semiconductor DTC143XM Datasheet HTML 7Page - Rectron Semiconductor DTC143XM Datasheet HTML 8Page - Rectron Semiconductor DTC143XM Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MAXIMUM RATINGS(Ta=25
unless otherwise noted)
Limits(DTC143X )
Symbol
Parameter
M
E
UA
CA
KA
SA
Unit
VCC
Supply Voltage
50
V
VIN
Input Voltage
-7
+20
V
IO
Output Current
100
mA
PD
Power Dissipation
100
150
200
200
200
300
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55
+150
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VI(off)
VCC=5V,IO=100μA
0.3
V
Input voltage
VI(on)
VO=0.3V,IO=20mA
2.5
V
Output voltage
VO(on)
IO/II=10mA/0.5mA
0.1
0.3
V
Input current
II
VI=5V
1.8
mA
Output current
IO(off)
VCC=50V,VI=0
0.5
A
DC current gain
GI
VO=5V,IO=10mA
30
Input resistance
R1
3.29
4.7
6.11
k
Resistance ratio
R2/R1
1.7
2.1
2.6
Transition frequency
fT
VO=10V,IO=5mA,f=100MHz
250
MHz
3DUW1XPEHU
3DFNDJH
3DFNLQJ0HWKRG
3DFN4XDQWLW\
627
627
'7&;0
'7&;(
'7&;8$
'7&;.$
726
7DSH
'7&;&$
'7&;6$
726
%XON
'7&;6$7
627
627/
627
5HHO
25'(5,1*,1)250$7,21
0$5.,1*

&
; XXX
&
; XXX
(2)
(2)
z
z
(1)
z

z

z

z

z
5HHO
5HHO
5HHO
5HHO
SFV%DJ
SFV%R[
SFV5HHO
SFV5HHO
SFV5HHO
SFV5HHO
SFV5HHO
Notes:
(1).
(2). ;;; &RGH
6ROLG dot = Green molding compound device, if none, the normal device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com