Electronic Components Datasheet Search
  English  ▼

X  

SCRH123 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SCRH123
Description  SMD POWER INDUCTORS Magnetically shielded construction
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SCRH123 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SCRH123 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH123
128
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
● Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH123-1R5
1.5
100KHZ
15m
12.0
8.00
SCRH123-2R2
2.2
100KHZ
18m
10.0
7.20
SCRH123-3R3
3.3
100KHZ
27m
9.30
6.00
SCRH123-4R7
4.7
100KHZ
36m
7.30
5.10
SCRH123-6R2
6.2
100KHZ
47m
6.70
4.59
SCRH123-8R2
8.2
100KHZ
56m
5.80
4.13
SCRH123-100
10
100KHZ
67m
5.00
3.50
SCRH123-120
12
100KHZ
73m
4.90
2.97
SCRH123-150
15
100KHZ
94m
4.20
2.67
SCRH123-180
18
100KHZ
104m
3.80
2.40
SCRH123-220
22
100KHZ
120m
3.50
2.16
SCRH123-270
27
100KHZ
131m
3.20
2.00
SCRH123-330
33
100KHZ
176m
3.00
1.80
SCRH123-390
39
100KHZ
215m
2.60
1.62
SCRH123-470
47
100KHZ
268m
2.30
1.50
SCRH123-560
56
100KHZ
285m
2.20
1.35
SCRH123-680
68
100KHZ
354m
1.90
1.28
SCRH123-820
82
100KHZ
422m
1.80
1.22
SCRH123-101
100
100KHZ
480m
1.60
1.10
SCRH123-121
120
100KHZ
620m
1.40
0.99
SCRH123-151
150
100KHZ
812m
1.30
0.85
SCRH123-181
180
100KHZ
918m
1.20
0.76
SCRH123-221
220
100KHZ
1.06
1.00
0.68
SCRH123-271
270
100KHZ
1.30
0.90
0.62
SCRH123-331
330
100KHZ
1.58
0.83
0.56
SCRH123-391
390
100KHZ
1.95
0.80
0.50
SCRH123-471
470
100KHZ
2.30
0.70
0.45
(1). Inductance tolerance for 1.5uH~8.2uH:
±30%, for 10uH~470uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
10
100
1000
100
1000
10000
BCRH123 I nduct ance decrease by current
100000
DC current (mA)
1
0. 1 10
471
470
1R5
BCRH123 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000 2000 3000
7000
5000
8000
0
9000 10000 11000
471
470
1R5
SCRH123 Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH123 Temperature rise by current
Custom versions available upon request.
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
Sales@signaltransformer.com • techhelp@signaltransformer.com
© 201
9 Signal Transformer –Specification subject to change without notice. 12.19


Similar Part No. - SCRH123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-100 BEL-SCRH124-100 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-101 BEL-SCRH124-101 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-120 BEL-SCRH124-120 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124-121 BEL-SCRH124-121 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC53LC BEL-SC53LC Datasheet
930Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH2D18 BEL-SCRH2D18 Datasheet
808Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28 BEL-SCRH5D28 Datasheet
784Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH5D28R BEL-SCRH5D28R Datasheet
772Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73 BEL-SCRH73 Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH73B BEL-SCRH73B Datasheet
818Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH104 BEL-SCRH104 Datasheet
792Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH105R BEL-SCRH105R Datasheet
790Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH124 BEL-SCRH124 Datasheet
805Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
SCRH127 BEL-SCRH127 Datasheet
785Kb / 1P
SMD POWER INDUCTORS Magnetically shielded construction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com