Electronic Components Datasheet Search
  English  ▼

X  

S8050 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # S8050
Description  Small and medium-sized power amplifier ,medium power drive and switching applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

S8050 Datasheet(HTML) 1 Page - Rectron Semiconductor

  S8050 Datasheet HTML 1Page - Rectron Semiconductor S8050 Datasheet HTML 2Page - Rectron Semiconductor S8050 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon NPN SMD triode
1
base
2
emitter 3
collector
Ouline example
SOT-23
Small and medium-sized power amplifier ,
medium power drive and switching applications
HFE(1) :Classification
Rank
L
H
J
Range
120-200
200-350
300-400
Marking
J3Y
Maximum ratings(Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Breakdown Voltage
VCBO
40
V
Collector-Emitter Breakdown Voltage
VCEO
25
V
Emitter-Base Breakdown Voltage
VEBO
5V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
TJ
150
Storage Temperature
Tstg
Electrical Characteristics (Ta=25
unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=100uA IE=0
40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=1mA IB=0
25
V
Emitter-Base Breakdown Voltage
VEBO
IE=100uA IC=0
5
V
Collector Cutoff Current
ICBO
VCB=40V IE=0
100
nA
Collector Cutoff Current
ICEO
VCE=20V IB=0
100
nA
Emitter Cutoff Current
IEBO
VCE=5V IC=0
100
nA
DC Current Gain
HFE(1)
VCE=1V IC=50mA
120
400
HFE(2)
VCE=1V IC=500mA
50
Collector-Emitter Saturation Voltage
VCE(sat) IC=500mA IB=50mA
0.6
V
Collector-Base Saturation Voltage
VBE(sat) IC=500mA IB=50mA
1.2
V
transition frequency
fT
VCE=6V IC=20mA
f=30MHz
150
MHz
S8050
P/N suffix V means AEC-Q101 qualified, e.g:S8050V
P/N suffix V means Halogen-free
20
REV:A
19-07/17


Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
NPN General Purpose Transistors
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
S8050 BILIN-S8050 Datasheet
228Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S8050 DAYA-S8050 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
Medium Power Linear and Switching Applications
logo
Continental Device Indi...
BDX77 CDIL-BDX77 Datasheet
54Kb / 2P
Medium Power Switching and Amplifier Applications
logo
List of Unclassifed Man...
C45C8 ETC1-C45C8 Datasheet
157Kb / 4P
Medium Power Switching and Amplifier Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
Medium Power Linear and Switching Applications
logo
Rectron Semiconductor
S8550 RECTRON-S8550 Datasheet
164Kb / 3P
Small and medium-sized power amplifier, medium power drive and switching applications
SS8050 RECTRON-SS8050 Datasheet
165Kb / 3P
Small and medium-sized power amplifier, medium power drive and switching applications
SS8550 RECTRON-SS8550 Datasheet
214Kb / 3P
Small and medium-sized power amplifier, medium power drive and switching applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com