Electronic Components Datasheet Search
  English  ▼

X  

F340X1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F340X1
Description  THB Grade IIIB Class X1 Interference Suppression Film Capacitor Radial MKP 480 VAC - Three Phase Across the Line
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F340X1 Datasheet(HTML) 4 Page - Vishay Siliconix

  F340X1 Datasheet HTML 1Page - Vishay Siliconix F340X1 Datasheet HTML 2Page - Vishay Siliconix F340X1 Datasheet HTML 3Page - Vishay Siliconix F340X1 Datasheet HTML 4Page - Vishay Siliconix F340X1 Datasheet HTML 5Page - Vishay Siliconix F340X1 Datasheet HTML 6Page - Vishay Siliconix F340X1 Datasheet HTML 7Page - Vishay Siliconix F340X1 Datasheet HTML 8Page - Vishay Siliconix F340X1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
F340X1 480VAC
www.vishay.com
Vishay BCcomponents
Revision: 12-May-2021
4
Document Number: 26073
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
480
PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.22
13.0 x 23.0 x 32.0
9.2
42248KKP2T0
42248KKM2T0
115
42248KKI2B0
115
0.27
42748KKP2T0
42748KKM2T0
42748KKI2B0
0.33
43348KKP2T0
43348KKM2T0
43348KKI2B0
0.39
15.0 x 25.0 x 32.0
12.3
43948KKP2T0
43948KKM2T0
95
43948KKI2B0
95
0.47
44748KKP2T0
44748KKM2T0
44748KKI2B0
0.56
18.0 x 28.0 x 32.0
16.1
45648KKP2T0
45648KKM2T0
80
45648KKI2B0
80
0.68
46848KKP2T0
46848KKM2T0
46848KKI2B0
0.82
21.0 x 31.0 x 32.0
20.3
48248KKP2T0
48248KKM2T0
65
48248KKI2B0
65
1.0
51048KKP2T0
51048KKM2T0
51048KKI2B0
1.2
22.0 x 38.0 x 32.0
22.5
51245KKP2T0
51245KKM2T0
60
51245KKI2B0
65
PITCH = 37.5 mm ± 0.4 mm; dt = 1.00 mm ± 0.1 mm; C-TOL. = ± 10 %
1.5
21.5 x 38.5 x 42.0
61.5
51548KPP2T0
51548KPM2T0
84
51548KPI2T0
84
1.8
61
51848KPP2T0
51848KPM2T0
51848KPI2T0
2.2
60
52248KPP2T0
52248KPM2T0
52248KPI2T0
2.7
30.0 x 45.0 x 42.0
95.5
52748KPP2T0
52748KPM2T0
63
52748KPI2T0
63
3.3
92.5
53348KPP2T0
53348KPM2T0
53348KPI2T0
3.9
88.5
53948KPP2T0
53948KPM2T0
53948KPI2T0
PITCH = 52.5 mm ± 0.4 mm; dt = 1.20 mm ± 0.12 mm; C-TOL. = ± 10 %
4.7
30.0 x 45.0 x 57.5
137.5
54748KYP2T0
54748KYM2T0
45
54748KYI2T0
45
5.6
136
55648KYP2T0
55648KYM2T0
55648KYI2T0
6.8
35.0 x 50.0 x 57.5
171
56848KYP2T0
56848KYM2T0
40
56848KYI2T0
40
8.2
165.5
58248KYP2T0
58248KYM2T0
58248KYI2T0
APPROVALS
SAFETY APPROVALS X1
VOLTAGE
VALUE
FILE NUMBERS
LINK
EN 60384-14 (ENEC)
(= IEC 60384-14 ed-4 (2013))
480 VAC
220 nF to 8.2 μF
ENEC16/FI/19/10008
www.vishay.com/doc?28247
UL 60384-14
480 VAC
220 nF to 8.2 μF
E354331
www.vishay.com/doc?28249
CSA-E384-14
480 VAC
220 nF to 8.2 μF
E354331
www.vishay.com/doc?28249
CQC
480 VAC
220 nF to 8.2 μF
L-18001205119
www.vishay.com/doc?28248
F-18001207457
www.vishay.com/doc?28250
CB-test certificate
480 VAC
220 nF to 8.2 μF
FI-39834
www.vishay.com/doc?28246
The ENEC-approval together with the CB-certificate replace all national marks of the following countries (they have already signed the
ENEC-agreement): Austria; Belgium; Czech Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden, Switzerland, and United Kingdom.
ELECTRICAL DATA AND ORDERING INFORMATION
URAC
(V)
CAP.
(μF)
DIMENSIONS (2)
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER F340X1... AND PACKAGING
LOOSE IN BOX
SHORT LEADS
LONG LEADS
lt = 3.5 mm ± 0.3 mm
lt = 5.0 mm ± 1.0 mm
SPQ
lt = 25.0 mm ± 2.0 mm
SPQ
Notes
• SPQ = Standard Packing Quantity
(1) Weight for short lead product only
(2) For tolerances see chapter “Space Requirements for Printed-Circuit Board Applications and Dimension Tolerances”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com