Electronic Components Datasheet Search
  English  ▼

X  

F339X2 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # F339X2
Description  THB Grade IIB Class X2 Interference Suppression Film Capacitor Radial MKP 305 VAC - Across the Line
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F339X2 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button F339X2 Datasheet HTML 6Page - Vishay Siliconix F339X2 Datasheet HTML 7Page - Vishay Siliconix F339X2 Datasheet HTML 8Page - Vishay Siliconix F339X2 Datasheet HTML 9Page - Vishay Siliconix F339X2 Datasheet HTML 10Page - Vishay Siliconix F339X2 Datasheet HTML 11Page - Vishay Siliconix F339X2 Datasheet HTML 12Page - Vishay Siliconix F339X2 Datasheet HTML 13Page - Vishay Siliconix F339X2 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
F339X2 305VAC
www.vishay.com
Vishay BCcomponents
Revision: 14-Aug-2019
13
Document Number: 26072
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7.
Resistance
to solvents
D
MIL-STD-202 method 215.
- Also aqueous chemical
- OKEM clean or equivalent.
Do not use banned solvents.
5No visual damage
Legible marking
8.
Mechanical
shock
D
100 g's ; 6 ms
half-sine; 3.75 m/s
30
No visual damage
9.
Vibration
D
5 g's for 20 min
12 cycles x 3 directions
10 Hz to 2000 Hz
30
No visual damage
10. Resistance to
soldering heat
D
Temp.: 280 °C; time: 10 s
solder within 1.5 mm of device body
30
|
C/C|  5 %
Increase of tan
:  0.008 for C  1 μF at 10 kHz
IR > 50 % of initial specified value
11. Solderability
D
Leaded: method A at 235 °C,
category 3 (245 °C / 3 s)
15
Good tinning as evidence by free flowing of the
solder with wetting of terminations > 95 %
12. Electrical
characterization
-30
-
13. Flammability
One flame application
Class B
15
V-0 or V-1 are acceptable.
Class B or C according IEC is also acceptable
AUTOMOTIVE AEC-Q200, REVISION D QUALIFICIATION
STRESS
REVISION
CONDITION
SAMPLE
SIZE
PERFORMANCE REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com