Electronic Components Datasheet Search
  English  ▼

X  

EP1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EP1
Description  Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EP1 Datasheet(HTML) 6 Page - Vishay Siliconix

  EP1 Datasheet HTML 1Page - Vishay Siliconix EP1 Datasheet HTML 2Page - Vishay Siliconix EP1 Datasheet HTML 3Page - Vishay Siliconix EP1 Datasheet HTML 4Page - Vishay Siliconix EP1 Datasheet HTML 5Page - Vishay Siliconix EP1 Datasheet HTML 6Page - Vishay Siliconix EP1 Datasheet HTML 7Page - Vishay Siliconix EP1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EP1
www.vishay.com
Vishay
Revision: 23-Mar-2021
6
Document Number: 42107
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. ESR
AT +25 °C, 1 kHz
(Ω)
MAX. DCL
AT +25 °C
(μA)
MAX. DCL
AT +85 °C
(mA)
WEIGHT
(g)
25 VDC AT +85 °C; 15 VDC AT +125 °C, SURGE VOLTAGE = 27.5 VDC
30 000
A
EP1A303(1)025(2)(3)(4)(5)
0.030
150
1.5
63
35 VDC AT +85 °C; 21 VDC AT +125 °C, SURGE VOLTAGE = 38.5 VDC
22 000
A
EP1A223(1)035(2)(3)(4)(5)
0.040
150
1.5
63
36 000
B (1)
EP1B363(1)035(2)(3)(4)(5)
0.020
250
2
100
40 000
B (2)
EP1B403(1)035(2)(3)(4)(5)
0.020
250
2
100
47 800
C (1)
EP1C473(1)035(2)(3)(4)(5)
0.015
350
3
120
58 000
C (2)
EP1C583(1)035(2)(3)(4)(5)
0.015
350
3
120
50 VDC AT +85 °C; 30 VDC AT +125 °C, SURGE VOLTAGE = 55 VDC
12 000
A
EP1A123(1)050(2)(3)(4)(5)
0.050
100
1.0
63
13 000
A (2)
EP1A133(1)050(2)(3)(4)(5)
0.050
100
1.0
63
17 500
B (1)
EP1B173(1)050(2)(3)(4)(5)
0.025
100
1.5
100
23 400
C (1)
EP1C233(1)050(2)(3)(4)(5)
0.017
200
2.5
120
24 000
B (2)
EP1B243(1)050(2)(3)(4)(5)
0.025
100
1.5
100
34 000
C (2)
EP1C343(1)050(2)(3)(4)(5)
0.017
200
2.5
120
63 VDC AT +85 °C; 38 VDC AT +125 °C, SURGE VOLTAGE = 69 VDC
6000
A
EP1A602(1)063(2)(3)(4)(5)
0.050
100
1.0
63
9400
B
EP1B942(1)063(2)(3)(4)(5)
0.025
100
1.5
86
11 000
B
EP1B113(1)063(2)(3)(4)(5)
0.025
150
1.5
100
12 000
B (2)
EP1B123(1)063(2)(3)(4)(5)
0.025
150
1.5
100
14 500
C
EP1C143(1)063(2)(3)(4)(5)
0.017
250
2.5
120
18 000
C (2)
EP1C183(1)063(2)(3)(4)(5)
0.017
250
2.5
120
80 VDC AT +85 °C; 48 VDC AT +125 °C, SURGE VOLTAGE = 88 VDC
4000
A
EP1A402(1)080(2)(3)(4)(5)
0.055
100
1.0
63
6800
B (1)
EP1B682(1)080(2)(3)(4)(5)
0.030
150
1.5
100
8000
B (2)
EP1B802(1)080(2)(3)(4)(5)
0.030
150
1.5
100
9000
C
EP1C902(1)080(2)(3)(4)(5)
0.025
250
2.5
120
12 000
C (2)
EP1C123(1)080(2)(3)(4)(5)
0.025
250
2.5
120
100 VDC AT +85 °C; 60 VDC AT +125 °C, SURGE VOLTAGE = 110 VDC
3000
A
EP1A302(1)100(2)(3)(4)(5)
0.065
100
1.0
63
4400
B
EP1B442(1)100(2)(3)(4)(5)
0.035
150
1.5
100
5800
B (2)
EP1B582(1)100(2)(3)(4)(5)
0.035
150
1.5
100
5800
C (1)
EP1C582(1)100(2)(3)(4)(5)
0.025
150
2.5
120
7900
C (2)
EP1C792(1)100(2)(3)(4)(5)
0.025
250
2.5
130
125 VDC AT +85 °C; 75 VDC AT +125 °C, SURGE VOLTAGE = 137.5 VDC
1900
A
EP1A192(1)125(2)(3)(4)(5)
0.100
100
1.0
63
2000
A (2)
EP1A202(1)125(2)(3)(4)(5)
0.100
100
1.0
63
2800
B (1)
EP1B282(1)125(2)(3)(4)(5)
0.050
150
1.5
100
3600
B (2)
EP1B362(1)125(2)(3)(4)(5)
0.050
150
1.5
100
3700
C (1)
EP1C372(1)125(2)(3)(4)(5)
0.035
250
2.5
120
5300
C (2)
EP1C532(1)125(2)(3)(4)(5)
0.035
250
2.5
130
Notes
• Part number definitions:
(1) Standard capacitance tolerance is 20 % or “M“. Contact marketing for availability of 10 % or “K“
(2) Standard termination is “B” radial tin / lead. RoHS compliant or radial 100 % tin is available as “A“
(3) Standard reliability is “Z” or non-established reliability
(4) Standard temperature range is “S” or -55 °C to +85 °C or +125 °C with voltage derating
(5) Standard ESR is “S“
(1) Preliminary rating, specification subject to change. Contact marketing for availability
(2) Requires export license for shipments outside the US. Contact marketing for availability



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com