Electronic Components Datasheet Search
  English  ▼

X  

ICS291PG Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS291PG
Description  Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS291PG Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS291PG Datasheet HTML 1Page - Integrated Circuit Systems ICS291PG Datasheet HTML 2Page - Integrated Circuit Systems ICS291PG Datasheet HTML 3Page - Integrated Circuit Systems ICS291PG Datasheet HTML 4Page - Integrated Circuit Systems ICS291PG Datasheet HTML 5Page - Integrated Circuit Systems ICS291PG Datasheet HTML 6Page - Integrated Circuit Systems ICS291PG Datasheet HTML 7Page - Integrated Circuit Systems ICS291PG Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
MDS 291 C
6
Revision 062205
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS291
PRELIMINARY INFORMATION
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: Measured with 15 pF load.
Note 2: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55%.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
5
27
MHz
Clock input
3
166
MHz
Output Frequency
VDDO=VDD
0.314
200
MHz
1.8 V<VDDO<2.8 V
0.314
150
MHz
Output Rise/Fall Time
tOF
80% to 20%, high drive,
Note 1
1.0
ns
Output Rise/Fall Time
tOF
80% to 20%, low drive,
Note 1
2.0
ns
Output Rise/Fall Time
tOF
80% to 20%, high drive,
1.8 V<VDDO<2.8
Note 2
2.0
ns
Duty Cycle
Note 2
40
49-51
60
%
Output Frequency Synthesis Error
Configuration Dependent
TBD
ppm
Power-up time
PLL lock-time from
power-up
410
ms
PDTS goes high until
stable CLK output,
Spread Spectrum Off
0.6
2
ms
PDTS goes high until
stable CLK output,
Spread Spectrum On
47
ms
One Sigma Clock Period Jitter
Configuration Dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from Mean.
Configuration Dependent
+200
ps
Pin-to-Pin Skew
Low Skew Outputs
-250
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
93
°C/W
θ
JA
1 m/s air flow
78
°C/W
θ
JA
3 m/s air flow
65
°C/W
Thermal Resistance Junction to Case
θ
JC
20
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com