Electronic Components Datasheet Search
  English  ▼

X  

M54HC193D Datasheet(PDF) 7 Page - STMicroelectronics

Part # M54HC193D
Description  RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC193D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M54HC193D Datasheet HTML 3Page - STMicroelectronics M54HC193D Datasheet HTML 4Page - STMicroelectronics M54HC193D Datasheet HTML 5Page - STMicroelectronics M54HC193D Datasheet HTML 6Page - STMicroelectronics M54HC193D Datasheet HTML 7Page - STMicroelectronics M54HC193D Datasheet HTML 8Page - STMicroelectronics M54HC193D Datasheet HTML 9Page - STMicroelectronics M54HC193D Datasheet HTML 10Page - STMicroelectronics M54HC193D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
M54HC193
7/13
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
tW(L)
Minimum Pulse
Width (LOAD)
2.0
34
75
95
110
ns
4.5
9
15
19
22
6.0
7
13
16
19
tW(H)
Minimum Pulse
Width (CLEAR)
2.0
40
100
125
150
ns
4.5
12
20
25
30
6.0
10
17
21
26
ts
Minimum Set-up
Time
(DATA -LOAD)
2.0
30
75
95
110
ns
4.5
9
15
19
22
6.0
7
13
16
19
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time (LOAD)
2.0
6
50
65
75
ns
4.5
2
10
13
15
6.0
2
9
11
13
tREM
Minimum Removal
Time (CLEAR)
2.0
14
50
65
75
ns
4.5
4
10
13
15
6.0
3
9
11
13
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
67
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com