Electronic Components Datasheet Search
  English  ▼

X  

PI3B16244 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16244
Description  3.3V, 17-Bit, 4-Port NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16244 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI3B16244
3.3V, 16-Bit, 4-Port NanoSwitch™
2
PS8170D
10/01/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics (Over the Operating Range, TA= –40°C to +85°C, VCC = 3.0V to 3.6V)
Capacitance(TA=25°C,f=1MHz)
Storage Temperature ...................................................... –65°Cto+150°C
Ambient Temperature with Power Applied ...................... –40°C to +85°C
Supply Voltage Range ....................................................... –0.5Vto+4.6V
DC Input Voltage ............................................................... –0.5Vto+4.6V
DC Output Current ........................................................................120mA
Power Dissipation ............................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–8
.
0
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
1
±
A
µ
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
D
N
G
=1
±
I H
Z
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0
≤
B
,
A
≤ V C
C
1
±
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
–
=7
.
0
–2
.
1
–V
R N
O
e
c
n
a
t
s
i
s
e
R
N
O
h
c
ti
w
S
)
3
(
V C
C
V
,.
n
i
M
=
N
I
I
,
V
0
.
0
=
N
O
A
m
8
4
=5
8
Ω
V C
C
V
,.
n
i
M
=
N
I
I
,
V
4
.
2
=
N
O
A
m
5
1
=0
15
1
s
r
e
t
e
m
a
r
a
P
)
4
(
n
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
Ts
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
0
.
3
F
p
C F
F
O
f
f
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A5
.
8
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
7
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com